Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1581M25X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN1581M25X
Description  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581M25X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN1581M25X Datasheet HTML 1Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581M25X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.fairchildsemi.com
Pentium is a registered trademark of Intel Corporation. PowerPC is a trademark of IBM Corporation.
REV. 1.2.0 11/6/03
Features
• Ultra Low dropout voltage, 0.4V typical at 5A
• 1.2V Versions available for GTL termination
• Remote sense operation
• Fast transient response
• Load regulation: 0.05% typical
• 0.5% typical initial accuracy
• On-chip thermal limiting
• TO-263, TO-252 and TO-220 packages
Applications
• Support of GTL+ bus supply
• Low voltage logic supply
• Embedded Processor supplies
• Split plane regulator
• 2.5V, and 1.8V Logic Families
• DDR Termination Supply
Description
The FAN1581, FAN1581-1.2, FAN1581-1.5, and FAN1581-
2.5 are ultra-low dropout regulators with 5A output current
capability. These devices have been optimized for low volt-
age applications including VTT bus termination, where tran-
sient response and minimum input voltage are critical. The
FAN1581 is ideal for low voltage microprocessor applica-
tions requiring a regulated output from 1.3V to 5.7V with a
power input supply of 1.75V to 6.5V. The FAN1581-1.5
offers fixed 1.5V with 5A current capabilities for GTL+ bus
VTT termination. Additionally, the FAN1581-1.2 offers fixed
1.2V output for CPU Bus termination. The FAN1581-2.5
offers fixed 2.5V with 5A current capability for logic IC
operation and processors while minimizing the overall power
dissipation.
Current limit ensures controlled short-circuit current. On-chip
thermal limiting provides protection against any combination
of overload and ambient temperature that would create exces-
sive junction temperatures.
The FAN1581 series regulators are available in the 5-pin
TO-263, TO-252 and TO-220 packages.
Typical Applications
22
µF
22
µF
VCNTL = 5V
2.1V at 5A
10
µF
VIN = 3.3V
+
10
µF
+
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1581
22
µF
VCNTL = 5V
2.5V at 5A
10
µF
VIN = 3.3V
+
1
µF
+
1
µF
+
1
µF
+
1
µF
+
+
VIN
VSENSE
VCNTL
GND
VOUT
FAN1581–2.5
86.6
124
VCNTL = 5V
1.2V at 5A
VIN = 3.3V
VIN
VSENSE
VCNTL
Gnd
VOUT
FAN1581-1.2
22
µF
VCNTL = 12V
5V at 5A
10
µF
VIN = 5.75V
+
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1581
374
124
FAN1581
5A Adjustable/Fixed Ultra Low Dropout
Linear Regulator


Similar Part No. - FAN1581M25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1581M25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com