Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-DRT21 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CQM1-DRT21
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-DRT21 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CQM1-DRT21 Datasheet HTML 6Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 7Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 8Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 9Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 10Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 11Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 12Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 13Page - Omron Electronics LLC CQM1-DRT21 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
A--161
Programmable Controller
CQM1H
Memory Area Structure
Data area
Size
Words
Bits
Function
IR area
Input
area
256 bits
IR 000 to
IR 015
IR 00000 to
IR 01515
Input bits are allocated to Input Units or Dedicated I/O Units. The
16 bits in IR 000 are always allocated to the CPU’s built-in in-
puts. Bits in IR 001 to IR 015 are allocated to I/O or Dedicated
I/O Units connected to the CPU.
IR area
Output
area
256 bits
IR 100 to
IR 115
IR 10000 to
IR 11515
Output bits are allocated to Output Units or Dedicated I/O Units
connected to the CPU.
Work
areas
2,528 bits
min.
IR 016 to
IR 089
IR 01600 to
IR 08915
Work bits do not have any specific function and they can be free-
ly used within the program.
a eas
IR 116 to
IR 189
IR 11600 to
IR 18915
y used
t
t e p og a
(A minimum 2,528 bits are available as work bits. Most bits in the
IR and LR areas can be used as work bits when they are not
IR 216 to
IR 219
IR 21600 to
IR 21915
IR and LR areas can be used as work bits when they are not
used for their allocated functions, so the total number of avail-
able work bits depends on the configuration of the PLC.)
IR 224 to
IR 229
IR 22400 to
IR 22915
Controller Link
status areas
96 bits
IR 090 to
IR 095
IR 09000 to
IR 09515
Status Area 1: Stores the Controller Link data link status
information.
status a eas
IR 190 to
IR 195
IR 19000 to
IR 19515
Status Area 2: Stores the Controller Link error and network
participation information.
MACRO
operand
Input
area
64 bits
IR 096 to
IR 099
IR 09600 to
IR 09915
Used when the MACRO instruction, MCRO(99), is used.
ope a d
area
Output
area
64 bits
IR 196 to
IR 199
IR 19600 to
IR 19915
Inner Board
slot 1 area
256 bits
IR 200 to
IR 215
IR 20000 to
IR 21515
These bits are allocated to the Inner Board mounted in slot 1 of a
CQM1H-CPU51/61.
High-speed Counter Board:
IR 200 to IR 213
Serial Communications Board: IR 200 to IR 207
Analog settings
area
64 bits
IR 220 to
IR 223
IR 22000 to
IR 22315
Used to store the analog settings when a CQM1H-AVB41
Analog Setting Board is mounted.
High-speed
Counter, 0 PV
32 bits
IR 230 to
IR 231
IR 23000 to
IR 23115
Used to store the present values of high-speed counter 0.
Inner Board
slot 2 area
192 bits
IR 232 to
IR 243
IR 23200 to
IR 24315
These bits are allocated to the Inner Board mounted in slot 2.
High-speed Counter Board:
IR 232 to IR 243
Absolute Encoder Interface Board: IR 232 to IR 239
Pulse I/O Board:
IR 232 to IR 239
Analog I/O Board:
IR 232 to IR 239
SR area
184 bits
SR 244 to
SR 255
SR 24400 to
SR 25507
These bits serve specific functions such as flags and control bits.
HR area
1,600 bits
HR 00 to
HR 99
HR 0000 to
HR 9915
These bits store data and retain their ON/OFF status when pow-
er is turned OFF or when the operating mode is changed.
AR area
448 bits
AR 00 to
AR 27
AR 0000 to
AR 2715
These bits serve specific functions such as flags and control bits.
TR area
8bits
TR 0toTR7
These bits are used to temporarily store ON/OFF status at pro-
gram branches.
LR area
1,024 bits
LR 00 to
LR 63
LR 0000 to
LR 6315
Used for 1:1 data link through the RS-232 port or through a
Controller Link module.
Timer/Counter area
512 bits
TIM/CNT 000 to TIM/CNT 511
(timer/counter numbers)
The same numbers are used for both timers and counters.
Timer numbers 000 to 015 can be used with TIMH(15) for inter-
rupt-refreshed PVs to ensure proper timing without inaccuracy
being caused by the cycle time.
(This table continues on the next page.)


Similar Part No. - CQM1-DRT21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-DRT21 OMRON-CQM1-DRT21 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-DRT21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com