Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQM1-PRT21 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CQM1-PRT21
Description  Programmable Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CQM1-PRT21 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CQM1-PRT21 Datasheet HTML 3Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 4Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 5Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 6Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 7Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 8Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 9Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 10Page - Omron Electronics LLC CQM1-PRT21 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
A--158
Programmable Controller
CQM1H
J
MAINTENANCE PRODUCTS
Stock Note: Shaded models are normally stocked.
Item
Function
International
standards
Part number
Battery
Backs up memory in the CPU.
CPM2A-BAT01
End cover
Connects to the I/O module located on the extreme right
U, C, CE
CQM1H-TER01
J
DIN TRACK
Stock Note: Shaded models are normally stocked.
Item
Specifications
International
standards
Part number
Mounting track
Track length: 50 cm
Height: 7.3 mm
L
PFP-50N
g
Track length: 1 m
g
PFP-100N
Track length: 1 m
Height: 16 mm
PFP-100N2
End plate
Fasten mounting brackets on both sides of the PLC to
prevent it from sliding left or right.
PFP-M
Note: U: UL, C: CSA, N: NK, L: LLOYD, CE: EC Directives
J
MANUALS
Product
Description
Part number
Operation manual
CQM1H CPUs and Inner Boards operation manual
W363
Programming manual
CQM1H CPUs and Inner Boards programming manual
W364
Dedicated I/O Modules
manual
Covers analog input/output, B7A Link master, temperature controller, lin-
ear sensor interface, and safety relay modules.
W238


Similar Part No. - CQM1-PRT21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CQM1-PRO01-E OMRON-CQM1-PRO01-E Datasheet
1,006Kb / 27P
   CPM1A System configuration
CQM1-PRO01-E OMRON-CQM1-PRO01-E Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CQM1-PRO01-E OMRON-CQM1-PRO01-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
CQM1-PRO01-E OMRON-CQM1-PRO01-E Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - CQM1-PRT21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com