Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06FP Datasheet(PDF) 4 Page - International Rectifier

Part # 15ETL06FP
Description  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETL06FP Datasheet(HTML) 4 Page - International Rectifier

  15ETL06FP Datasheet HTML 1Page - International Rectifier 15ETL06FP Datasheet HTML 2Page - International Rectifier 15ETL06FP Datasheet HTML 3Page - International Rectifier 15ETL06FP Datasheet HTML 4Page - International Rectifier 15ETL06FP Datasheet HTML 5Page - International Rectifier 15ETL06FP Datasheet HTML 6Page - International Rectifier 15ETL06FP Datasheet HTML 7Page - International Rectifier 15ETL06FP Datasheet HTML 8Page - International Rectifier 15ETL06FP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
15ETL06, 15ETL06S, 15ETL06-1, 15ETL06FP
Bulletin PD-20695 rev. D 10/06
www.irf.com
Fig. 6 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig. 8 - Forward Power Loss Characteristics
Average Forward Current - IF(AV)(A)
Average Forward Current - IF(AV)(A)
0
5
10
15
20
25
0
5
10
15
20
25
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
130
140
150
160
170
180
0
5
10
15
20
25
DC
see note (3)
Square wave (D = 0.50)
Rated Vr applied
Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
t1,Rectangular Pulse Duration (Seconds)
Fig. 7 - Max. Allowable Case Temperature
Vs. Average Forward Current (FULLPACK)
Average Forward Current - IF(AV)(A)
(3)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss =
I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 8);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D);
I
R @ VR1 = rated VR
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
80
100
120
140
160
180
0
5
10
15
20
25
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (3)


Similar Part No. - 15ETL06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06FP IRF-15ETL06FP Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06FP IRF-15ETL06FP Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06FP VISHAY-15ETL06FP Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
logo
Inchange Semiconductor ...
15ETL06FP ISC-15ETL06FP Datasheet
267Kb / 2P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETL06FP-N3 VISHAY-15ETL06FP-N3 Datasheet
190Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
More results

Similar Description - 15ETL06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06PBF IRF-8ETL06PBF Datasheet
236Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com