Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1582P15X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1582P15X
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582P15X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1582P15X Datasheet HTML 1Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 2Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582P15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN1582
PRODUCT SPECIFICATION
2
REV. 1.1.2 2/26/03
Pin Assignments
Pin Definitions
Internal Block Diagram
Pin Number
Pin Name
Pin Function Descrition
1
VSense
Remote Voltage Sense. Connect this pin to the load to permit true
remote sensing and avoid trace drops.
2
ADJ/GND
Adjust or Ground. On the FAN1582, this pin forms the feedback to
determine the output voltage. On the FAN1582-1.5 and -2.5, connect this
pin to ground.
3
VOUT
Output Voltage. This pin and the tab are output.
4
VCNTL
Control Voltage. This pin draws small-signal power to control the
FAN1582 circuitry. Connect to a voltage higher than VIN, as shown in the
applications circuits.
5
VIN
Input Voltage.
FRONT VIEW
FRONT VIEW
12 3 4 5
FRONT VIEW
12 3 4 5
FAN1582M-1.5, -2.5
FAN1582M
FAN1582P
FRONT VIEW
FAN1582P-1.5, -2.5
FRONT VIEW
FAN1582D
FRONT VIEW
FAN1582D-1.5, -2.5
5-Lead Plastic TO-263
Θ
JC=3°C/W*
Tab is out.
5-Lead Plastic SPAK
Θ
JC=2°C/W*
Tab is out.
5-Lead Plastic TO-252 DPAK
Θ
JC=3°C/W*
Tab is out.
12
3
4 5
12
3
4 5
1
2
3
4
5
1
2
3
4
5
*With package soldered to 0.5 square inch copper area over backside ground plane or internal
power plane,
θ
JA can vary from 30 °C/W to more than 40 °C/W. Other mounting techniques
can provide a thermal resistance lower than 30
°C/W.
Current
Limit
Thermal
Shutdown
Vref
Vin, Power
Output
Sense
Adj
VCNTL, Control
2
1
3
5
4
Voltage Loop
Amplifier


Similar Part No. - FAN1582P15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D25X FAIRCHILD-FAN1582D25X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582DX FAIRCHILD-FAN1582DX Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1582P15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com