Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV-FK1H221P Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EEV-FK1H221P
Description  Aluminum Electrolytic Capacitor/FK series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEV-FK1H221P Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EEV-FK1H221P Datasheet HTML 1Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 2Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 3Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 4Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 5Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 6Page - Panasonic Semiconductor EEV-FK1H221P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
■ Load Life
-50
-40
-30
-20
-10
0
10
0
500
1000
1500
2000
2500
3000
3500
Time (h)
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
2000
2500
3000
3500
Time (h)
0
2
4
6
8
10
0
500
1000
1500
2000
2500
3000
3500
Time (h)
EEVFK0J220R (6.3V22µF, ø4x5.8)
EEVFK0J101P (6.3V100µF, ø6.3x5.8)
EEVFK0J152P (6.3V1500µF, ø10x10.2)
at 105ºC
Aluminum Electrolytic Capacitors/FK Series


Similar Part No. - EEV-FK1H221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1H102M PANASONIC-EEV-FK1H102M Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1H681M PANASONIC-EEV-FK1H681M Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEV-FK1H221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1E100R PANASONIC-EEV-FK1E100R Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1J680P PANASONIC-EEV-FK1J680P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C470P PANASONIC-EEV-FK1C470P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C471P PANASONIC-EEV-FK1C471P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK0J220R PANASONIC-EEVFK0J220R_1 Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com