Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100X14W104MV4T Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 100X14W104MV4T
Description  X2Y짰 filter capacitors employ a unique, patented low inductance design featuring two balanced capacitors that are immune to temperature, voltage and aging performance differences.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X14W104MV4T Datasheet(HTML) 2 Page - Johanson Technology Inc.

  100X14W104MV4T Datasheet HTML 1Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 2Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 3Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 4Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 5Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 6Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 7Page - Johanson Technology Inc. 100X14W104MV4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.johanson dielectrics.com
X2Y® FILTER & DECOUPLING CAPACITORS
X2Y® filter capacitors employ a unique, patented low inductance design featuring two balanced capacitors
that are immune to temperature, voltage and aging performance differences.
These components offer superior decoupling and EMI filtering performance, virtually eliminate parasitics,
and can replace multiple capacitors and inductors saving board space and reducing assembly costs.
ADVANTAGES
• One device for EMI suppression or decoupling
• Replace up to 7 components with one X2Y
• Differential and common mode attenuation
• Matched capacitance line to ground, both lines
• Low inductance due to cancellation effect
APPLICATIONS
• Amplifier FIlter & Decoupling
• High Speed Data Filtering
• EMC I/O Filtering
• FPGA / ASIC / µ-P Decoupling
• DDR Memory Decoupling
X2Y® technology patents and registered trademark under license from X2Y ATTENUATORS, LLC
HOW TO ORDER X2Y® FILTER & DECOUPLING CAPACITORS
P/N written: 100X14W104MV4T
VOLTAGE
6R3 = 6.3 V
100 = 10 V
160 = 16 V
250 = 25 V
500 = 50 V
101 = 100 V
501 = 500 V
MARKING
4 = Unmarked
DIELECTRIC
N = NPO
W = X7R
X = X5R
CAPACITANCE
(Circuit 1)
1st two digits are
significant; third digit
denotes number of zeros.
102 = 1000 pF =
1 nF
103 = 0.01 µF = 10 nF
104 = 0.10 µF = 100 nF
TOLERANCE
M = ± 20%
CASE SIZE
X07 = 0402
X14 = 0603
X15 = 0805
X18 = 1206
X41 = 1210
X43 = 1812
X44 = 1410
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
Available on select parts:
F = Polyterm®
soft polymer termination
T = SnPb
V
W
X14
100
104
M
TAPE MODIFIER
Code
Tape
Reel
E
Embossed
7”
T
Paper
7”
Tape specs. per EIA RS481
T
Circuit 1
(1 Y-Cap.)
Circuit 2
(2 Y-Caps.)
SIZE
0402 (X07)
NPO
50
50
50
50
50
50
50
X7R
50
50
50
50
50
50
16
0603 (X14)
NPO
100 100 100 100 100
50
50
50
X7R
100 100 100 100 100 100 100
50
25
25
16
10
6.3
X5R
16
10
10
10
0805 (X15)
NPO
100 100 100 100 100 100 100
50
X7R
100 100 100 100 100 100 100 100
50
50
50
25
10
1206 (X18
NPO
VOLTAGE
RATINGS
6.3 = 6.3 VDC
10 = 10 VDC
16 = 16 VDC
25 = 25 VDC
50 = 50 VDC
100 = 100 VDC
500 = 500 VDC
100
X7R
100 100 100
100 100
16
16
10
1210 (X41)
X7R
500
100
100 100
25
16
1410 (X44)
X7R
500
100
1812 (X43)
X7R
500
100
SEE PART NUMBER LISTING TABLE ON PAGES 7 & 8 Contact factory for part combinations not shown.
Circuit 1 capacitance measured Line-to-Ground (A or B to G)
Circuit 2 capacitance measured Power-to-Ground (A + B to G)
Rated voltage is from line to ground in Circuit 1, power to ground in Circuit 2 .


Similar Part No. - 100X14W104MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X14W104MV4T JOHANSON-100X14W104MV4T Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
100X14W104MV4T JOHANSON-100X14W104MV4T Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
More results

Similar Description - 100X14W104MV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
6R3X14W104MV4T JOHANSON-6R3X14W104MV4T Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com