Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5094 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5094
Description  Multi-Phase Interleaved Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5094 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5094 Datasheet HTML 6Page - Fairchild Semiconductor FAN5094 Datasheet HTML 7Page - Fairchild Semiconductor FAN5094 Datasheet HTML 8Page - Fairchild Semiconductor FAN5094 Datasheet HTML 9Page - Fairchild Semiconductor FAN5094 Datasheet HTML 10Page - Fairchild Semiconductor FAN5094 Datasheet HTML 11Page - Fairchild Semiconductor FAN5094 Datasheet HTML 12Page - Fairchild Semiconductor FAN5094 Datasheet HTML 13Page - Fairchild Semiconductor FAN5094 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
FAN5094
PRODUCT SPECIFICATION
10
REV. 1.0.2 5/13/02
Typical Operating Characteristics (Continued)
180
160
140
120
100
80
60
40
20
0
5
0
101520253035404550
RDroop (KΩ)
Droop vs. RDroop, RT = 43KΩ
VOUT TEMPERATURE VARIATION
TEMPERATURE (
°C)
1.501
1.500
1.499
1.498
1.497
1.496
1.495
1.494
0
25
70
100


Similar Part No. - FAN5094

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5091MTC FAIRCHILD-FAN5091MTC Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
More results

Similar Description - FAN5094

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Fairchild Semiconductor
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com