Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5230QSC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5230QSC
Description  System Electronics Regulator for Mobile PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5230QSC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5230QSC Datasheet HTML 1Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 2Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 3Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 4Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5230QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FAN5230
2
REV. 2.8.5 10/17/01
Pin Assignments
Pin Description
Pin Name
Pin Number Pin Function Description
VIN
1
Input power.
3.3V-ALWAYS
2
3.3V Always on linear regulator. Load current on pins 2 and 6 must not exceed
50mA total. This pin should be decoupled to ground with a 10µF capacitor.
CPUMP3.3
3
Charge Pump 3.3V. High side Gate drive voltage for 3.3V. This pin is to be
connected to SW3.3 through a 100nF cap. and to 5V-ALWAYS through a diode
HSD3.3
4
High-side gate driver for 3.3V. Connect this pin directly to the gate of an
N-channel MOSFET. The trace from this pin to the MOSFET gate should be < 1".
SW3.3
5
High side FET Source and Low Side FET Drain Switching Node. Switching
node for 3.3V.
5V-ALWAYS
6
5V Always on linear regulator output. The sum of the load currents on pins 2
and 6 must not exceed 50mA total. This pin should be decoupled to ground with
a 10µF capacitor.
1
Top View
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VIN
3.3V-ALWAYS
5V-ALWAYS
CPUMP3.3
HSD3.3
SW3.3
ISEN3.3
LSD3.3
GND3.3
VFB3.3
SDN3.3
PGOOD
CPUMP5
HSD5
SW5
ISEN5
LSD5
GND5
VFB5
SDN5
SW12
VFB12
SGND
SDWN
Typical Application
1 VIN
2 3.3 ALW
3 CPUMP3.3
4 HSD3.3
5 SW3.3
6 5V-ALW
7 LSD3.3
8 GND3.3
9 ISEN3.3
10 VFB3.3
11 SDN3.3
12 PGOOD
CPUMP5 24
HSD5 23
SW5 22
ISEN5 21
LSD5 20
GND5 19
VFB5 18
SDN5 17
SW12 16
VFB12 15
SGND 14
SDWN 13
FAN5230
Vin = 5.4-24V
12V @ 120mA
3.3V-ALWAYS@50mA
5V @ 5A
SDN5
SDWN
PGOOD
3.3V @ 5A
+
SDN3.3
+
+
5V-ALWAYS@ 50mA
5V-ALWAYS
5V-ALWAYS
VFB12


Similar Part No. - FAN5230QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5230QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5235 FAIRCHILD-FAN5235 Datasheet
85Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com