Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5235 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5235
Description  System Electronics Regulator for Mobile PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5235 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5235 Datasheet HTML 4Page - Fairchild Semiconductor FAN5235 Datasheet HTML 5Page - Fairchild Semiconductor FAN5235 Datasheet HTML 6Page - Fairchild Semiconductor FAN5235 Datasheet HTML 7Page - Fairchild Semiconductor FAN5235 Datasheet HTML 8Page - Fairchild Semiconductor FAN5235 Datasheet HTML 9Page - Fairchild Semiconductor FAN5235 Datasheet HTML 10Page - Fairchild Semiconductor FAN5235 Datasheet HTML 11Page - Fairchild Semiconductor FAN5235 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FAN5235
REV. 1.3.3 1/3/02
8
Peak current is DC output current plus peak ripple current:
where T is the maximum period, VO is output voltage, and L
is the inductance. This current generates a voltage on the
low-side MOSFET of 7A • 20m
Ω = 140mV. The current
limit threshold is typically 150mV (worst-case 135mV) with
R2 = 1K
Ω, and so this value is suitable. R2 could be
increased a further 10% if additional noise margin is deemed
necessary.
Precision Current Limit
Precision current limiting can be achieved by placing a
discrete sense resistor between the source of the low-side
MOSFET and ground.
In this case, current limit accuracy is set by the tolerance of
the IC, +10%.
Figure 4. Using a Precision Current Sense Resistor
Shutdown (SDWN)
The SDWN pin turns off all 5 converters (+5V, +3.3V, and
+12V, 5V/3.3V-ALWAYS) and puts the FAN5235 into a low-
power mode (Shutdown mode).
This mode of operation implies the use of a push button
switch between SDWN and Vin. Pushing the button allows
(for the duration of the contact) to power the 3.3V-ALWAYS
and 5V-ALWAYS long enough for the uC to power up and in
turn latch the SDWN pin high.
Once the SDWN is high then the ALWAYS voltages are
enabled to go high if the respective SDN3.3 and SDN5 go
high.
MAIN 3.3V and 5V Softstart, Sequencing and
Stand-by
Softstart of the 3.3V and 5V converters is accomplished by
means of an external capacitor between pins SDN3.3 (SDN5)
and ground.
The 3.3V (5V) main converter is turned ON if SDWN and
SDN3.3 (SDN5) are both high and is turned off if either SDWN
or SDN3.3 (SDN5) is low.
Stand-by mode is defined as the condition by which V-Mains
are OFF and V-ALWAYS are ON (SDWN=1 and
SDN3.3=SDN5=0).
ALWAYS mode of Operation
If it is desired that 5V-ALWAYS and 3.3V-ALWAYS are always
ON then the SDWN pin must be connected to Vin permanently.
This way the two ALWAYS regulators come up as soon as there
is power while the state of the Main regulators can be controlled
via the SDN5 and SDN3.3 pins.
Sequencing Table
3.3V Voltage Adjustment
The output voltage of the 3.3V converter can be increased by
as much as 10% by inserting a resistor divider in the feedback
line. The feedback pin impedance is about 66K
Ω. Thus, for
example, to increase the output of the 3.3V converter by 10%,
use a 2.21K
Ω/33.2KΩ divider.
Note that the output of the 5V regulator cannot be adjusted.
The feedback line of the 5V regulator is used internally as a
5V supply and, therefore, cannot tolerate any impedance in
series with it.
3.3V and 5V Main Overvoltage Protection
(Soft Crowbar)
When the output voltage of the 3.3V (or the 5V) converter
exceeds approximately 115% of nominal, the converter enters
the over-voltage (OV) protection mode, with the goal of pro-
tecting the load from damage. During operation, severe load
dump or a short of an upper MOSFET could cause the output
voltage to increase significantly over normal operation range
without circuit protection. When the output exceeds the over-
voltage threshold, the over-voltage comparator forces the
lower gate driver high and turns the lower MOSFET on. This
will pull down the output voltage and eventually may blow the
battery fuse. As soon as output voltage drops below the thresh-
old, OVP comparator is disengaged.
The OVP scheme also provides a soft crowbar function
(bang-bang control followed by blow of the fuse) which
helps to tackle severe load transients but does not invert out-
put voltage when activated—a common problem for OVP
schemes with a latch. The prevention of output inversion
eliminates the need for a Schottky diode across the load.
Ipk
Idc +
TV0
2L
= 5A +
4µsec • 5V
2 • 5µH
= 7A
HSD
SW
LSD
ISEN
GND
SDN5
SDN3.3
SDWN
3V&5V
ALWAYS
5V
MAIN
3.3V
MAIN
X
X
0
0
0
0
00
1
1
0
0
101
1
1
0
01
1
1
0
1
1
1
1
1
1
1


Similar Part No. - FAN5235

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Similar Description - FAN5235

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com