Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5236QSCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5236QSCX
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236QSCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5236QSCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5236QSCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PRODUCT SPECIFICATION
FAN5236
4
REV. 1.1.7 4/4/03
Absolute Maximum Ratings
Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life
impaired. Functional operation under these conditions is not implied.
Recommended Operating Conditions
Note 1: Industrial temperature range (–40 to + 85°C) may be special ordered from Fairchild. Please contact your authorized Fairchild
representative for more information.
14
VIN
Input Voltage. Normally connected to battery, providing voltage feed-forward to set the
amplitude of the internal oscillator ramp. When using the IC for 2-step conversion from 5V
input, connect through 100K to ground, which will set the appropriate ramp gain and
synchronize the channels 90˚ out of phase.
15
PG1
Power Good Flag. An open-drain output that will pull LOW when VSEN is outside of a
±10% range of the 0.9V reference.
16
PG2 /
REF2OUT
Power Good 2. When not in DDR Mode: Open-drain output that pulls LOW when the
VOUT is out of regulation or in a fault condition
Reference Out 2. When in DDR Mode, provides a buffered output of REF2. Typically
used as the VDDQ/2 reference.
18
ILIM2 /
REF2
Current Limit 2. When not in DDR Mode, A resistor from this pin to GND sets the current
limit.
Reference for reg #2 when in DDR Mode. Typically set to VOUT1 / 2.
28
VCC
VCC. This pin powers the chip as well as the LDRV buffers. The IC starts to operate when
voltage on this pin exceeds 4.6V (UVLO rising) and shuts down when it drops below 4.3V
(UVLO falling).
Parameter
Min.
Typ.
Max.
Units
VCC Supply Voltage:
6.5
V
VIN
27
V
BOOT, SW, ISNS, HDRV
33
V
BOOTx to SWx
6.5
V
All Other Pins
–0.3
VCC+0.3
V
Junction Temperature (TJ )
–40
150
°C
Storage Temperature
–65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
4.75
5
5.25
V
Supply Voltage VIN
24
V
Ambient Temperature (TA )
Note 1
–10
85
°C
Pin Definitions (continued)


Similar Part No. - FAN5236QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236QSCX FAIRCHILD-FAN5236QSCX Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Similar Description - FAN5236QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com