Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E516B40DL Datasheet(PDF) 6 Page - Winbond

Part # W78E516B40DL
Description  8-BIT MICROCONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E516B40DL Datasheet(HTML) 6 Page - Winbond

Back Button W78E516B40DL Datasheet HTML 2Page - Winbond W78E516B40DL Datasheet HTML 3Page - Winbond W78E516B40DL Datasheet HTML 4Page - Winbond W78E516B40DL Datasheet HTML 5Page - Winbond W78E516B40DL Datasheet HTML 6Page - Winbond W78E516B40DL Datasheet HTML 7Page - Winbond W78E516B40DL Datasheet HTML 8Page - Winbond W78E516B40DL Datasheet HTML 9Page - Winbond W78E516B40DL Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
W78E516B
- 6 -
5. FUNCTIONAL DESCRIPTION
The W78E516B architecture consists of a core controller surrounded by various registers, four general
purpose I/O ports, one special purpose programmable 4-bits I/O port, 512 bytes of RAM, three
timer/counters, a serial port and an internal 74373 latch and 74244 buffer which can be switched to
port2. The processor supports 111 different opcodes and references both a 64K program address
space and a 64K data storage space.
5.1 RAM
The internal data RAM in the W78E516B is 512 bytes. It is divided into two banks: 256 bytes of
scratchpad RAM and 256 bytes of AUX-RAM. These RAMs are addressed by different ways.
• RAM 0H − 7FH can be addressed directly and indirectly as the same as in 8051. Address pointers
are R0 and R1 of the selected register bank.
• RAM 80H − FFH can only be addressed indirectly as the same as in 8051. Address pointers are R0,
R1 of the selected registers bank.
• AUX-RAM 0H − FFH is addressed indirectly as the same way to access external data memory with
the MOVX instruction. Address pointer are R0 and R1 of the selected register bank and DPTR
register. An access to external data memory locations higher than FFH will be performed with the
MOVX instruction in the same way as in the 8051. The AUX-RAM is disable after a reset. Setting
the bit 4 in CHPCON register will enable the access to AUX-RAM. When AUX-RAM is enabled the
instructions of "MOVX @Ri" will always access to on-chip AUX-RAM. When executing from internal
program memory, an access to AUX-RAM will not affect the Ports P0, P2, WR and RD .
Example,
CHPENR
REG
F6H
CHPCON
REG
BFH
MOV
CHPENR, #87H
MOV
CHPENR, #59H
ORL
CHPCON, #00010000B
; enable AUX-RAM
MOV
CHPENR, #00H
MOV
R0, #12H
MOV
A, #34H
MOVX
@R0, A
; Write 34h data to 12h address.
5.2 Timers 0, 1 and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0,
TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide
control functions for timers 0, 1. The T2CON register provides control functions for Timer 2. RCAP2H
and RCAP2L are used as reload/capture registers for Timer 2. The operations of Timer 0 and Timer 1
are the same as in the W78C51. Timer 2 is a 16-bit timer/counter that is configured and controlled by
the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an external event counter or
as an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating
modes: capture, auto-reload, and baud rate generator. The clock speed at capture or auto-reload
mode is the same as that of Timers 0 and 1.


Similar Part No. - W78E516B40DL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E516B WINBOND-W78E516B Datasheet
224Kb / 26P
   8-BIT MICROCONTROLLER
W78E516B WINBOND-W78E516B Datasheet
302Kb / 37P
   8-BIT MICROCONTROLLER
W78E516B-24 WINBOND-W78E516B-24 Datasheet
224Kb / 26P
   8-BIT MICROCONTROLLER
W78E516B-40 WINBOND-W78E516B-40 Datasheet
224Kb / 26P
   8-BIT MICROCONTROLLER
W78E516BP-24 WINBOND-W78E516BP-24 Datasheet
224Kb / 26P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E516B40DL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com