Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W631GG6KB12I Datasheet(PDF) 7 Page - Winbond

Part # W631GG6KB12I
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W631GG6KB12I Datasheet(HTML) 7 Page - Winbond

Back Button W631GG6KB12I Datasheet HTML 3Page - Winbond W631GG6KB12I Datasheet HTML 4Page - Winbond W631GG6KB12I Datasheet HTML 5Page - Winbond W631GG6KB12I Datasheet HTML 6Page - Winbond W631GG6KB12I Datasheet HTML 7Page - Winbond W631GG6KB12I Datasheet HTML 8Page - Winbond W631GG6KB12I Datasheet HTML 9Page - Winbond W631GG6KB12I Datasheet HTML 10Page - Winbond W631GG6KB12I Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
W631GG6KB
Publication Release Date: Feb. 27, 2013
Revision A04
- 7 -
4.
KEY PARAMETERS
Speed Bin
DDR3-1866
DDR3-1600
DDR3-1333
Unit
CL-nRCD-nRP
13-13-13
11-11-11
9-9-9
Part Number Extension
-11
-12/12I/12A/12K -15/15I/15A/15K
Parameter
Sym.
Min.
Max.
Min.
Max.
Min.
Max.
Maximum operating frequency using maximum
allowed settings for Sup_CL and Sup_CWL
fCKMAX
933
800
667
MHz
Internal read command to first data
tAA
13.91
20
13.75
(13.125)
7
20
13.5
(13.125)
7
20
nS
ACT to internal read or write delay time
tRCD
13.91
13.75
(13.125)
7
13.5
(13.125)
7
nS
PRE command period
tRP
13.91
13.75
(13.125)
7
13.5
(13.125)
7
nS
ACT to ACT or REF command period
tRC
47.91
48.75
(48.125)
7
49.5
(49.125)
7
nS
ACT to PRE command period
tRAS
34
9 * tREFI
35
9 * tREFI
36
9 * tREFI
nS
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
2.5
3.3
2.5
3.3
nS
CL = 7
CWL = 6
tCK(AVG)
Reserved
1.875
<2.5
1.875
<2.5
nS
CL = 8
CWL = 6
tCK(AVG)
1.875
<2.5
1.875
<2.5
1.875
<2.5
nS
CL = 9
CWL = 7
tCK(AVG)
Reserved
1.5
<1.875
1.5
<1.875
nS
CL = 10
CWL = 7
tCK(AVG)
1.5
<1.875
1.5
<1.875
1.5
<1.875
nS
CL = 11
CWL = 8
tCK(AVG)
Reserved
1.25
<1.5
Reserved
nS
CL = 13
CWL = 9
tCK(AVG)
1.07
<1.25
Reserved
Reserved
nS
Supported CL Settings
Sup_CL
6, 8, 10, 13
6, (7), 8, (9), 10, 11
6, (7), 8, 9, 10
nCK
Supported CWL Settings
Sup_CWL
5, 6, 7, 9
5, 6, 7, 8
5, 6, 7
nCK
Average periodic
refresh Interval
-40°C
TCASE 85°C
tREFI
*2
7.8 *
2, 3
7.8 *
2, 3
μS
0°C
TCASE 85°C
7.8 *
1
7.8 *
1
7.8 *
1
μS
85°C
< TCASE
95°C
3.9 *
4
3.9 *
4
3.9 *
4
μS
95°C
< TCASE
105°C
*6
3.9 *
5, 6
3.9 *
5, 6
μS
Operating One Bank Active-Precharge Current
IDD0
130
115
105
mA
Operating One Bank Active-Read-Precharge
Current
IDD1
165
145
130
mA
Operating Burst Read Current
IDD4R
330
280
240
mA
Operating Burst Write Current
IDD4W
260
220
190
mA
Burst Refresh Current
IDD5B
185
170
160
mA
Self-Refresh Current, TOPER = 0 ~ 85°C
IDD6
14
14
14
mA
Operating Bank Interleave Current
IDD7
430
400
380
mA
Notes: (Field value contents in blue font or parentheses are optional AC parameter and CL setting)
1.
All speed grades support 0°C
TCASE 85°C with full JEDEC AC and DC specifications.
2.
For -11, -12 and -15 speed grades, -40°C
TCASE < 0°C is not available.
3.
12I, 12A, 12K, 15I, 15A and 15K speed grades support -40°C
TCASE 85°C with full JEDEC AC and DC specifications.
4.
For all speed grade parts, TCASE is able to extend to 95°C with doubling Auto Refresh commands in frequency to a 32 mS
period ( tREFI = 3.9 µS), it is mandatory to either use the Manual Self-Refresh mode with Extended Temperature Range
capability (MR2 A6 = 0b and MR2 A7 = 1b) or enable the Auto Self-Refresh mode (ASR) (MR2 A6 = 1b, MR2 A7 is don't care).
5.
For 12K and 15K automotive parts, TCASE is able to extend to 105°C with doubling Auto Refresh commands in frequency to a
32 mS period ( tREFI = 3.9 µS), it is mandatory to either use the Manual Self-Refresh mode with Extended Temperature
Range capability (MR2 A6 = 0b and MR2 A7 = 1b) or enable the Auto Self-Refresh mode (ASR) (MR2 A6 = 1b, MR2 A7 is
don't care).
6.
For -11, -12, 12I, 12A, -15, 15I and 15A speed grade parts, 95°C < TCASE
≤ 105°C is not available.
7.
For devices supporting optional down binning to CL=7 and CL=9, tAA/tRCD/tRP min must be 13.125 nS or lower. SPD settings
must be programmed to match. For example, DDR3-1333 (9-9-9) devices supporting down binning to DDR3-1066 (7-7-7)
should program 13.125 nS in SPD bytes for tAAmin (Byte 16), tRCDmin (Byte 18), and tRPmin (Byte 20). DDR3-1600 (11-11-11)
devices supporting down binning to DDR3-1333 (9-9-9) or DDR3-1066 (7-7-7) should program 13.125 nS in SPD bytes for
tAAmin (Byte16), tRCDmin (Byte 18), and tRPmin (Byte 20). Once tRP (Byte 20) is programmed to 13.125 nS, tRCmin (Byte 21,
23) also should be programmed accodingly. For example, 49.125nS (tRASmin + tRPmin = 36 nS + 13.125 nS) for DDR3-1333
(9-9-9) and 48.125 nS (tRASmin + tRPmin = 35 nS + 13.125 nS) for DDR3-1600 (11-11-11).


Similar Part No. - W631GG6KB12I

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GU6KB-12-TR WINBOND-W631GU6KB-12-TR Datasheet
4Mb / 160P
   8M ??8 BANKS ??16 BIT DDR3L SDRAM
More results

Similar Description - W631GG6KB12I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com