Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5240QSC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5240QSC
Description  Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240QSC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5240QSC Datasheet HTML 3Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 4Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 9Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 10Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PRODUCT SPECIFICATION
FAN5240
REV. 1.1.7 8/29/02
7
Circuit Description
Overview
The FAN5240 is a 2-phase, single output power management
IC, which supplies the low-voltage, high-current power to
modern processors for notebook PCs. Using very few exter-
nal components, the IC controls a precision programmable
synchronous buck converter driving external N-Channel
power MOSFETs. The output voltage is adjustable from
0.925V to 2.0V by changing the DAC (VID) code settings
(see Table 2). The output voltage of the core converter can be
changed on-the-fly with programmable slew rate, which
meets a key requirement of AMD's Mobile Athlon/Duron
processors.
The converter can operate in two modes: fixed frequency
PWM, and variable frequency hysteretic depending on the
load. At loads lower than the point where filter inductor cur-
rent becomes discontinuous, hysteretic mode of operation is
activated. Switchover from PWM to hysteretic operation at
light loads improves the converter's efficiency and prolongs
battery run time. As the filter inductor resumes continuous
current, the PWM mode of operation is restored.
Output Voltage Programming
The output voltage of the converter is programmed by an
internal DAC in discrete steps of 25mV from 0.925V to
1.300V and then in 50mV steps from 1.300V to 2.00V:
Table 2. Output voltage VID
1 - Logic High or open, 0 = Logic Low
VID0–4 pins will assume a logic 1 level if left open as each
input is pulled up with a 1
µA internal current source.
VID4
VID3
VID2
VID1
VID0
VOUT to CPU
11111
0.000
11110
0.925
11101
0.950
11100
0.975
11011
1.000
11010
1.025
11001
1.050
11000
1.075
10111
1.100
10110
1.125
10101
1.150
10100
1.175
10011
1.200
10010
1.225
10001
1.250
10000
1.275
01111
0.000
01110
1.300
01101
1.350
01100
1.400
01011
1.450
01010
1.500
01001
1.550
01000
1.600
00111
1.650
00110
1.700
00101
1.750
00100
1.800
00011
1.850
00010
1.900
00001
1.950
00000
2.000


Similar Part No. - FAN5240QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results

Similar Description - FAN5240QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Advanced Micro Devices
AMD-751 AMD-AMD-751 Datasheet
172Kb / 14P
   AMD-751-TM System Controller Revision Guide
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
   AMD-761-TM System Controller Software/BIOS Design Guide
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com