Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W631GG6KB15K Datasheet(PDF) 11 Page - Winbond

Part # W631GG6KB15K
Description  Double Data Rate architecture: two data transfers per clock cycle
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W631GG6KB15K Datasheet(HTML) 11 Page - Winbond

Back Button W631GG6KB15K Datasheet HTML 7Page - Winbond W631GG6KB15K Datasheet HTML 8Page - Winbond W631GG6KB15K Datasheet HTML 9Page - Winbond W631GG6KB15K Datasheet HTML 10Page - Winbond W631GG6KB15K Datasheet HTML 11Page - Winbond W631GG6KB15K Datasheet HTML 12Page - Winbond W631GG6KB15K Datasheet HTML 13Page - Winbond W631GG6KB15K Datasheet HTML 14Page - Winbond W631GG6KB15K Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
W631GG6KB
Publication Release Date: Feb. 27, 2013
Revision A04
- 11 -
7.
FUNCTIONAL DESCRIPTION
7.1
Basic Functionality
The DDR3 SDRAM is a high-speed dynamic random-access memory internally configured as an
eight-bank DRAM. The DDR3 SDRAM uses an 8n prefetch architecture to achieve high-speed
operation. The 8n prefetch architecture is combined with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write operation for the DDR3 SDRAM consists
of a single 8n-bit wide, four clock data transfer at the internal DRAM core and eight corresponding n-
bit wide, one-half clock cycle data transfers at the I/O pins.
Read and write operation to the DDR3 SDRAM are burst oriented, start at a selected location, and
continue for a burst len
gth of eight or a ‗chopped‘ burst of four in a programmed sequence. Operation
begins with the registration of an Active command, which is then followed by a Read or Write
command. The address bits registered coincident with the Active command are used to select the
bank and row to be activated (BA0-BA2 select the bank; A0-A12 select the row). The address bits
registered coincident with the Read or Write command are used to select the starting column location
for the burst operation, determine if the auto precharge command is to be issued (via A10), and select
BC4 or BL8 mode ‗on the fly‘ (via A12) if enabled in the mode register.
Prior to normal operation, the DDR3 SDRAM must be powered up and initialized in a predefined
manner. The following sections provide detailed information covering device reset and initialization,
register definition, command descriptions, and device operation.
7.2
RESET and Initialization Procedure
7.2.1
Power-up Initialization Sequence
The following sequence is required for POWER UP and Initialization.
1. Apply power (RESET# is recommended to be maintained below 0.2 * VDD; all other inputs may be
undefined). RESET# needs to be maintained for minimum 200 µS with stable power. CKE is pulled
―Low‖ anytime before RESET# being de-asserted (min. time 10 nS). The power voltage ramp time
between 300 mV to VDD min. must be no greater than 200 mS; and during the ramp, VDD
≥ VDDQ
and (VDD - VDDQ) < 0.3 Volts.
VDD and VDDQ are driven from a single power converter output, AND
The voltage levels on all pins other than VDD, VDDQ, VSS, VSSQ must be less than or equal to
VDDQ and VDD on one side and must be larger than or equal to VSSQ and VSS on the other side.
In addition, VTT is limited to 0.95 V max once power ramp is finished, AND
VREF tracks VDDQ/2.
OR
Apply VDD without any slope reversal before or at the same time as VDDQ.
Apply VDDQ without any slope reversal before or at the same time as VTT & VREF.
The voltage levels on all pins other than VDD, VDDQ, VSS, VSSQ must be less than or equal to
VDDQ and VDD on one side and must be larger than or equal to VSSQ and VSS on the other side.
2. After RESET# is de-asserted, wait for another 500 µS until CKE becomes active. During this time,
the DRAM will start internal state initialization; this will be done independently of external clocks.
3. Clocks (CK, CK#) need to be started and stabilized for at least 10 nS or 5 tCK (which is larger)
before CKE goes active. Since CKE is a synchronous signal, the corresponding set up time to
clock (tIS) must be met. Also, a NOP or Deselect command must be registered (with tIS set up time
to clock) before
CKE goes active. Once the CKE is registered ―High‖ after Reset, CKE needs to be
continuously registered
―High‖ until the initialization sequence is finished, including expiration of
tDLLK and tZQinit.
4. The DDR3 SDRAM keeps its on-die termination in high-impedance state as long as RESET# is
asserted. Further, the SDRAM keeps its on-die termination in high impedance state after RESET#


Similar Part No. - W631GG6KB15K

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GU6KB-12-TR WINBOND-W631GU6KB-12-TR Datasheet
4Mb / 160P
   8M ??8 BANKS ??16 BIT DDR3L SDRAM
More results

Similar Description - W631GG6KB15K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com