Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5236MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5236MTC
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5236MTC Datasheet HTML 1Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PRODUCT SPECIFICATION
FAN5236
2
REV. 1.1.7 4/4/03
Generic Block Diagrams
Figure 1. Dual output regulator
Figure 2. Complete DDR Memory Power Supply
FAN5236
VIN (BATTERY)
= 5 to 24V
Q1
C
OUT1
VOUT1
= 2.5V
DDR
L
OUT1
Q2
C
OUT2
VOUT2
= 1.8V
L
OUT2
PWM 1
PWM 2
ILIM1
ILIM2/
REF2
VCC
+5
Q3
Q4
FAN5236
Q1
C
OUT1
VDDQ
= 2.5V
DDR
L
OUT1
Q2
C
OUT2
VTT =
VDDQ/2
L
OUT2
PWM 1
PWM 2
ILIM1
PG2/REF
R
R
VCC
+5
+5
ILIM2/REF2
VIN (BATTERY)
= 5 to 24V
Q3
Q4
1.25V


Similar Part No. - FAN5236MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236MTCX ONSEMI-FAN5236MTCX Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results

Similar Description - FAN5236MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com