Electronic Components Datasheet Search |
|
TNY277PG Datasheet(PDF) 5 Page - Power Integrations, Inc. |
|
TNY277PG Datasheet(HTML) 5 Page - Power Integrations, Inc. |
5 / 24 page Rev. I 01/09 5 TNY274-280 www.powerint.com In a typical implementation, the EN/UV pin is driven by an optocoupler. The collector of the optocoupler transistor is connected to the EN/UV pin and the emitter is connected to the SOURCE pin. The optocoupler LED is connected in series with a Zener diode across the DC output voltage to be regulated. When the output voltage exceeds the target regulation voltage level (optocoupler LED voltage drop plus Zener voltage), the optocoupler LED will start to conduct, pulling the EN/UV pin low. The Zener diode can be replaced by a TL431 reference circuit for improved accuracy. ON/OFF Operation with Current Limit State Machine The internal clock of the TinySwitch-III runs all the time. At the beginning of each clock cycle, it samples the EN/UV pin to decide whether or not to implement a switch cycle, and based on the sequence of samples over multiple cycles, it determines the appropriate current limit. At high loads, the state machine sets the current limit to its highest value. At lighter loads, the state machine sets the current limit to reduced values. V DRAIN V EN CLOCK DC DRAIN I MAX PI-2749-082305 Figure 6. Operation at Near Maximum Loading. V DRAIN V EN CLOCK DC DRAIN I MAX PI-2667-082305 Figure 7. Operation at Moderately Heavy Loading. Figure 8. Operation at Medium Loading. PI-2377-082305 V DRAIN V EN CLOCK DC DRAIN I MAX PI-2661-082305 V DRAIN V EN CLOCK DC DRAIN I MAX Figure 9. Operation at Very Light Load. |
Similar Part No. - TNY277PG |
|
Similar Description - TNY277PG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |