Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY253G Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY253G
Description  Energy Efficient, Low Power Off-line Switchers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253G Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY253G Datasheet HTML 6Page - Power Integrations, Inc. TNY253G Datasheet HTML 7Page - Power Integrations, Inc. TNY253G Datasheet HTML 8Page - Power Integrations, Inc. TNY253G Datasheet HTML 9Page - Power Integrations, Inc. TNY253G Datasheet HTML 10Page - Power Integrations, Inc. TNY253G Datasheet HTML 11Page - Power Integrations, Inc. TNY253G Datasheet HTML 12Page - Power Integrations, Inc. TNY253G Datasheet HTML 13Page - Power Integrations, Inc. TNY253G Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rev E
02/12
TNY253/254/255
10
StorageTemperature...................................... -65to150°C
OperatingJunctionTemperature(2)................ -40to150°C
LeadTemperature(3).................................................260°C
ThermalImpedance(θ
JA)..................70°C/W
(4)
,55°C/W(5)
ThermalImpedance(θ
JC)....................................... 11°C/W
4.Solderedto0.36sq.inch(232mm2),2oz.(610gm/m2)copperclad.
5.Solderedto1sq.inch(645mm2),2oz.(610gm/m2)copperclad.
6.Thehigherpeakdraincurrentisallowedwhilethedrain
voltageissimultaneouslylessthan400V.
ABSOLUTE MAXIMUM RATINGS(1)
DRAINVoltage..........................................-0.3Vto700V
PeakDRAINCurrent(TNY253/4)............400(500)mA(6)
PeakDRAINCurrent(TNY255)...............530(660)mA(6)
ENABLEVoltage...........................................-0.3Vto9V
ENABLECurrent................................................... 100mA
BYPASSVoltage............................................-0.3Vto9V
1. AllvoltagesreferencedtoSOURCE,T
A=25°C.
2. Normallylimitedbyinternalcircuitry.
3. 1/16"fromcasefor5seconds.
40
44
48
66
68
71
-68
-50
-30
-15
-10
-5
1.10
1.45
1.80
-58
-42
-25
160
200
140
180
-2.5
5.8
0.72
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
ENABLE Pin Turnoff
Threshold Current
ENABLE Pin
Hysteresis Current
ENABLE Pin
Voltage
ENABLE Short-
Circuit Current
DRAIN
Supply Current
BYPASS Pin
Charge Current
BYPASS Pin
Voltage
BYPASS
Hysteresis
kHz
%
µA
µA
V
µA
µA
µA
mA
mA
V
V
Min
Typ
Max
f
OSC
DC
MAX
I
DIS
I
HYS
V
EN
I
ENSC
I
S1
I
S2
I
CH1
I
CH2
V
BP
V
BPH
Parameter
Symbol
(Unless Otherwise Specified)
See Figure 14
Conditions
TNY253
TNY255
TNY253
TNY254
TNY255
TNY253
TNY254
TNY255
TNY253
TNY254
TNY255
130
215
-4.5
-3.3
TNY254
ENABLE Open
(MOSFET Switching)
See Note B, C
T
J = 25 °C
115
140
265
-2.0
-5.0
-3.5
-4.0
-1.0
5.6
6.1
0.60
0.85
Units
SOURCE = 0 V
; T
J = -40 to 125 °C
TNY253
TNY255
67
TNY254
T
J = -40 °C to 125 °C
T
J = 125 °C
-68
-52
-45
V
EN = 0 V, TJ = -40 °C to 125 °C
V
EN = 0 V, TJ = 125 °C
-58
-45
-38
V
BP = 0 V, TJ = 25 °C
See Note D, E
V
BP = 4 V, TJ = 25 °C
See
Note D, E
64
69
-4.8
-1.8
-6.0
-3.0
170
215
TNY253
TNY254
TNY255
S1 Open
See Note A
I
EN = -25 µA
V
EN = 0 V
(MOSFET Not Switching)
See Note B
See Note D


Similar Part No. - TNY253G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253G POWERINT-TNY253G Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253G POWERINT-TNY253G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com