Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY255G Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TNY255G
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY255G Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TNY255G Datasheet HTML 1Page - Power Integrations, Inc. TNY255G Datasheet HTML 2Page - Power Integrations, Inc. TNY255G Datasheet HTML 3Page - Power Integrations, Inc. TNY255G Datasheet HTML 4Page - Power Integrations, Inc. TNY255G Datasheet HTML 5Page - Power Integrations, Inc. TNY255G Datasheet HTML 6Page - Power Integrations, Inc. TNY255G Datasheet HTML 7Page - Power Integrations, Inc. TNY255G Datasheet HTML 8Page - Power Integrations, Inc. TNY255G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev E
02/12
TNY253/254/255
2
Figure 2. Functional Block Diagram.
Figure 3. Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
PowerMOSFETdrainconnection.Providesinternaloperating
currentforbothstart-upandsteady-stateoperation.
BYPASS (BP) Pin:
Connectionpointforanexternalbypasscapacitorfortheinter-
nallygenerated5.8Vsupply.Bypasspinisnotintendedfor
sourcingsupplycurrenttoexternalcircuitry.
ENABLE (EN) Pin:
ThepowerMOSFETswitchingcanbeterminatedbypulling
thispinlow.TheI-Vcharacteristicofthispinisequivalentto
avoltagesourceofapproximately1.5Vwithasourcecurrent
clampof50µA.
SOURCE (S) Pin:
PowerMOSFETsourceconnection.Primaryreturn.
TinySwitch Functional Description
TinySwitchisintendedforlowpoweroff-lineapplications.It
combinesahigh-voltagepowerMOSFETswitchwithapower
supplycontrollerinonedevice.UnlikeaconventionalPWM
(Pulse Width Modulator) controller, the TinySwitch uses a
simpleON/OFFcontroltoregulatetheoutputvoltage.
The TinySwitch controller consists of an Oscillator, Enable
(SenseandLogic)circuit,5.8VRegulator,Undervoltagecircuit,
HystereticOverTemperatureProtection,CurrentLimitcircuit,
LeadingEdgeBlanking,anda700VpowerMOSFET.Figure
2showsafunctionalblockdiagramwiththemostimportant
features.
Oscillator
Theoscillatorfrequencyisinternallysetat44kHz(130kHz
fortheTNY255).ThetwosignalsofinterestaretheMaxi-
mumDutyCyclesignal(D
MAX)whichrunsattypically67%
dutycycleandtheClocksignalthatindicatesthebeginningof
eachcycle.Whencyclesareskipped(seebelow),theoscilla-
torfrequencydoubles(exceptforTNY255whichremainsat
130kHz).ThisincreasesthesamplingrateattheENABLE
pinforfasterloopresponse.
Enable (Sense and Logic)
TheENABLEpincircuithasasourcefollowerinputstageset
at1.5V.Theinputcurrentisclampedbyacurrentsourceset
at50µAwith10µAhysteresis.Theoutputoftheenablesense
PI-2197-061898
CLOCK
OSCILLATOR
5.8 V
5.1 V
SOURCE
S
R
Q
DCMAX
BYPASS
+
-
VILIMIT
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
REGULATOR
5.8 V
UNDERVOLTAGE
1.5 V + VTH
ENABLE
Q
50 A
PI-2199-031501
ENABLE
8
5
7
6
DRAIN
SOURCE
SOURCE
SOURCE
1
4
2
3
SOURCE
SOURCE
BYPASS
P Package (DIP-8)
G Package (SMD-8)


Similar Part No. - TNY255G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY255G POWERINT-TNY255G Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY255G POWERINT-TNY255G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255G POWERINT-TNY255G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255G POWERINT-TNY255G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255G POWERINT-TNY255G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY255G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com