Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E4016FEC Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86E4016FEC
Description  Z8 4K OTP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E4016FEC Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86E4016FEC Datasheet HTML 4Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 5Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 6Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 7Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 8Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 9Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 10Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 11Page - Zilog, Inc. Z86E4016FEC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Z86E30/E31/E40
Z8 4K OTP Microcontroller
Zilog
8
P R E L I M I N A R Y
DS97Z8X0502
PIN IDENTIFICATION (Continued)
Figure 7. 44-Pin PLCC Pin Configuration
EPROM Programming Mode
44-Pin PLCC
7
17
D1
D2
D3
D4
NC
NC
NC
D5
D6
D7
A4
PGM
A10
A11
A9
NC
NC
NC
A8
VPP
EPM
OE
1
28
18
40
39
29
6
Table 5. 44-Pin PLCC Pin Configuration
EPROM Programming Mode
Pin #
Symbol
Function
Direction
1–2
GND
Ground
3–4
NC
No Connection
5
A3
Address 3
Input
6–10
D0–D4
Data 0,1,2,3,4
In/Output
11–13
NC
No Connection
14–16
D5–D7
Data 5,6,7
In/Output
17–19
A4–A6
Address 4,5,6
Input
20–21
NC
No Connection
22
A7
Address 7
Input
23–24
VCC
Power Supply
25–27
NC
No Connection
28
CE
Chip Select
Input
29
OE
Output Enable
Input
30
EPM
EPROM Prog.
Mode
Input
31
VPP
Prog. Voltage
Input
32
A8
Address 8
Input
33–35
NC
No Connection
36
A9
Address 9
Input
37
A11
Address 11
Input
38
A10
Address 10
Input
39
PGM
Prog. Mode
Input
40–41
A0,A1
Address 0,1
Input
42–43
NC
No Connection
44
A2
Address 2
Input
Table 5. 44-Pin PLCC Pin Configuration
EPROM Programming Mode
Pin #
Symbol
Function
Direction


Similar Part No. - Z86E4016FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016FEC ZILOG-Z86E4016FEC Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
More results

Similar Description - Z86E4016FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com