Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E3016VSC Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86E3016VSC
Description  Z8 4K OTP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3016VSC Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86E3016VSC Datasheet HTML 1Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 2Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 3Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 4Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 5Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 6Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 7Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 8Page - Zilog, Inc. Z86E3016VSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Z86E30/E31/E40
Z8 4K OTP Microcontroller
Zilog
4
P R E L I M I N A R Y
DS97Z8X0502
PIN IDENTIFICATION
Figure 3. 40-Pin DIP Pin Configuration
Standard Mode
R/W
P25
P26
P27
P04
P05
P06
P14
P15
P07
VCC
P16
P17
XTAL2
XTAL1
P31
P32
P33
P34
AS
DS
P24
P23
P22
P21
P20
P03
P13
P12
GND
P02
P11
P10
P01
P00
P30
P36
P37
P35
RESET
40
40-Pin DIP
1
20
21
Table 1. 40-Pin DIP Pin Identification
Standard Mode
Pin #
Symbol
Function
Direction
1
R/W
Read/Write
Output
2–4
P25–P27
Port 2, Pins 5,6,7
In/Output
5–7
P04–P06
Port 0, Pins 4,5,6
In/Output
8–9
P14–P15
Port 1, Pins 4,5
In/Output
10
P07
Port 0, Pin 7
In/Output
11
VCC
Power Supply
12–13
P16–P17
Port 1, Pins 6,7
In/Output
14
XTAL2
Crystal Oscillator
Output
15
XTAL1
Crystal Oscillator
Input
16–18
P31–P33
Port 3, Pins 1,2,3
Input
19
P34
Port 3, Pin 4
Output
20
AS
Address Strobe
Output
21
RESET
Reset
Input
22
P35
Port 3, Pin 5
Output
23
P37
Port 3, Pin 7
Output
24
P36
Port 3, Pin 6
Output
25
P30
Port 3, Pin 0
Input
26–27
P00–P01
Port 0, Pins 0,1
In/Output
28–29
P10–P11
Port 1, Pins 0,1
In/Output
30
P02
Port 0, Pin 2
In/Output
31
GND
Ground
32–33
P12–P13
Port 1, Pins 2,3
In/Output
34
P03
Port 0, Pin 3
In/Output
35–39
P20–P24
Port 2, Pins 0,1,2,3,4 In/Output
40
DS
Data Strobe
Output


Similar Part No. - Z86E3016VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3016VSC ZILOG-Z86E3016VSC Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
More results

Similar Description - Z86E3016VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com