Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3037 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA3037
Description  7-CH Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3037 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA3037 Datasheet HTML 5Page - Fairchild Semiconductor KA3037 Datasheet HTML 6Page - Fairchild Semiconductor KA3037 Datasheet HTML 7Page - Fairchild Semiconductor KA3037 Datasheet HTML 8Page - Fairchild Semiconductor KA3037 Datasheet HTML 9Page - Fairchild Semiconductor KA3037 Datasheet HTML 10Page - Fairchild Semiconductor KA3037 Datasheet HTML 11Page - Fairchild Semiconductor KA3037 Datasheet HTML 12Page - Fairchild Semiconductor KA3037 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
FAN8037 (KA3037)
9
Absolute Maximum Ratings ( Ta=25
°°°°C)
Notes:
1. When mounted on 70mm
× 70mm × 1.6mm PCB
2. Power dissipation reduces 24mW/
°C for using above TA = 25°C
3. Do not exceed PD and SOA (Safe Operating Area)
Recommended Operating Conditions ( Ta=25
°°°°C)
Parameter
Symbol
Value
Unit
Maximum Supply Voltage
SVCCMAX
18
V
PVCC1
18
V
PVCC2
18
V
Power Dissipation
PD
3note
W
Operating Temperature
TOPR
−35 ~ +85
°C
Storge Temperature
TSTG
−55 ~ +150
°C
Maximum Output Current
IOMAX
1A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Supply Voltage
SVCC
4.5
-
13.2
V
PVCC1
4.5
-
SVCC
V
PVCC2
4.5
-
SVCC
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]


Similar Part No. - KA3037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3030 FAIRCHILD-KA3030 Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030DTF FAIRCHILD-KA3030DTF Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
More results

Similar Description - KA3037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com