Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4661 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4661
Description  LVDS and M-LVDS Circuit Implementation Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661 Datasheet(HTML) 4 Page - Analog Devices

  ADN4661 Datasheet HTML 1Page - Analog Devices ADN4661 Datasheet HTML 2Page - Analog Devices ADN4661 Datasheet HTML 3Page - Analog Devices ADN4661 Datasheet HTML 4Page - Analog Devices ADN4661 Datasheet HTML 5Page - Analog Devices ADN4661 Datasheet HTML 6Page - Analog Devices ADN4661 Datasheet HTML 7Page - Analog Devices ADN4661 Datasheet HTML 8Page - Analog Devices ADN4661 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN-1177
Application Note
Rev. 0 | Page 4 of 12
CLOCK DISTRIBUTION APPLICATIONS
Differential signaling, such as LVDS, is a good choice for
distributing clock signals around a circuit board. In addition to
the benefits of the common-mode noise immunity of LVDS, a
particular advantage for clock distribution applications is that
radiated emissions are reduced due to the coupling between the
two opposing signals.
MULTI-DROP CLOCK DISTRIBUTION
In many applications, multiple nodes in a circuit may depend
on a single clock source. A simple approach to distributing
a single clock source to multiple nodes using LVDS, is to use
a multi-drop bus topology as shown in Figure 6. The LVDS
outputs of a clock source are connected to a pair of signal traces
that have short stubs to the various nodes relying on the clock.
DOUT–
DOUT+
RIN–
RIN+
CLK
CLK
CLK
CLK
RT
LVDS
CLOCK
SOURCE
LVDS
CLOCK INPUTS
Figure 6. Multi-Drop LVDS Clock Distribution
The disadvantages of this approach are that the number of
nodes that can be connected is limited and stubs contribute to
degradation of the signal integrity (that is, adding jitter). Stub
lengths and impedances must be carefully controlled.
POINT-TO-POINT CLOCK DISTRIBUTION
A single clock source can be connected to a single node
requiring an LVDS clock input using a point-to-point link.
This can be extended to supply multiple nodes by means of
an LVDS buffer acting as a fan-out device. This separate
component receives the LVDS clock output from the clock
source, and in turn provides this clock signal to multiple LVDS
drivers in the device to drive multiple point-to-point links to
receiving nodes. The advantage of this approach is that timing
on the clock signal can remain unaffected by stubs.
An example of such a device is the ADN4670 clock distribution
buffer. This allows one of two clock sources to be distributed on
up to 10 outputs as shown in Figure 7. The outputs can be
enabled and disabled by means of a serially programmable
register, which is also used to select the clock source.
12-BIT COUNTER
11-BIT SHIFT
REGISTER
11-BIT CONTROL
REGISTER
10 LVDS POINT-
TO-POINT LINKS
Q9
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
CK
SI
EN
CLK0
CLK1
MUX
MUX
1
0
CLK0
CLK1
Q9
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
0
1
ADN4670
NODE 9
CLOCK
SOURCE
CLOCK
SOURCE
NODE 0
Figure 7. ADN4670 Application Distributing a Clock Source to 10 Nodes via
Point-To-Point LVDS Connections
Any buffer adds a small amount of jitter when inserted between
the initial LVDS output and the eventual LVDS input, but the
ADN4670 has been designed to have low additive jitter of
<300 fs. Skew between the 10 outputs is kept to less than 30 ps
with clock signals of up to 1.1 GHz.
CLOCK DISTRIBUTION USING M-LVDS
Another option for clock distribution is using M-LVDS
transceivers to distribute the clock to up to 32 nodes in a multi-
drop (or multipoint) topology. Type 1 M-LVDS receivers (such
as in the ADN4690E to ADN4693E) are suited to such
applications because there is no offset in the receiver threshold
(this offset can result in duty cycle distortion for a clock signal).
The ADN4690E to ADN4693E M-LVDS transceivers with Type
1 receivers also have additional slew-rate limiting of the edges
from the driver outputs, which further limits radiated emissions
and the effect of reflections from stubs.


Similar Part No. - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
More results

Similar Description - ADN4661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
   RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com