Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4694E Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4694E
Description  LVDS and M-LVDS Circuit Implementation Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4694E Datasheet(HTML) 5 Page - Analog Devices

  ADN4694E Datasheet HTML 1Page - Analog Devices ADN4694E Datasheet HTML 2Page - Analog Devices ADN4694E Datasheet HTML 3Page - Analog Devices ADN4694E Datasheet HTML 4Page - Analog Devices ADN4694E Datasheet HTML 5Page - Analog Devices ADN4694E Datasheet HTML 6Page - Analog Devices ADN4694E Datasheet HTML 7Page - Analog Devices ADN4694E Datasheet HTML 8Page - Analog Devices ADN4694E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Note
AN-1177
Rev. 0 | Page 5 of 12
DIFFERENTIAL SIGNALLING AND LVDS/M-LVDS
Differential transmission is communication where two
complementary signals are transmitted, with the received signal
comprising the difference between the two signal lines. This
form of communication, used by both LVDS and M-LVDS,
has two distinct advantages, high noise immunity and low
emissions.
The high noise immunity arises because typically a noise
source couples equally onto both signal lines, leaving the
differential signal unaffected. Emissions from differential
signaling are low due to the tight coupling between the two
complementary signal lines when using a typical medium
(twisted pair cable, or closely placed strip line).
DEFINITIONS AND OUTPUT LEVELS
For LVDS and M-LVDS, one signal line is noninverting (that is,
high for a Logic 1 and low for a Logic 0) and the other signal
line is inverting (that is, the complement of the noninverting
signal). The difference in voltage between the two signal lines
is termed the differential voltage, VOD. VOD is also shorthand for
the magnitude of the differential voltage (positive or negative),
or |VOD|. The two signal lines each have a maximum voltage
swing of |VOD|, centered on the common-mode voltage, VOC
(also referred to as the offset voltage, VOS). The differential
voltage swings around 0 V. Typical LVDS signal levels are
shown in Figure 8, together with the differential signal VOD
and common-mode voltage VOC. In this figure, VOUT+ is the
noninverting signal and VOUT− is the inverting signal.
VOUT+
VOUT–
1.35V
VOC = 1.2V
1.05V
0V
LOGIC 0
LOGIC 1
LOGIC 1
0.3V
–0.3V
VOD
(VOUT+ – VOUT–)
|VOD|
|VOD|
Figure 8. LVDS Output Levels
The differential voltage on an LVDS or M-LVDS bus is
generated by a driver current source. Noninverting LVDS driver
outputs or receiver inputs are generally denoted with a + and
inverting driver outputs or receiver inputs with a −.
Pin names are shown for the ADN4663 2-channel LVDS driver
and ADN4664 2-channel LVDS receiver in Figure 9. M-LVDS
follows the convention of RS-485 physical layer transceivers in
naming the bus lines A for the noninverting signal and B for the
inverting signal, or Y and Z for driver outputs on a full-duplex
transceiver.
DIN1
DOUT1+
DOUT1–
VCC
ADN4663
DIN2
DOUT2+
DOUT2–
GND
ROUT1
RIN1+
100Ω
100Ω
RIN1–
VCC
ADN4664
GND
ROUT2
RIN2+
RIN2–
Figure 9. ADN4663 and ADN4664 2-Channel LVDS Point-to-Point
The distinction between LVDS and M-LVDS and other
differential signaling standards is that they have a low output
swing. The differential output voltage and common mode range
specifications of LVDS and M-LVDS are shown in Figure 10. For
LVDS, the output voltage swing, |VOD|, is a minimum of 250 mV
and a maximum of 450 mV with a load of 100 Ω. This allows
low power operation and ensures that while transitions are fast,
to allow high data rates, the reduced output swing means that
the slew rate is not too severe. Rise and fall times are generally
in the region of hundreds of picoseconds, resulting in slew rates
of around 0.5 V/ns to 2.5 V/ns.
250mV
450mV
480mV
650mV
M-LVDS
LVDS
MIN
VOD
MIN
VOD
MAX
VOD
MAX
VOD
0V TO
2.4V
–1V TO
3.4V
4V
3V
2V
1V
0V
–1V
M-LVDS
LVDS
Figure 10. LVDS and M-LVDS Signaling Levels
M-LVDS has slew-rate limited drivers to enhance the robustness
of the signaling when there are additional impedance
discontinuities from multiple drivers/receivers and stubs. This
means that M-LVDS is limited to lower data rates compared to
LVDS. The ADN4690E through ADN4697E are available with
options for 100 Mbps or higher speed 200 Mbps. Another
characteristic of M-LVDS is increased driver strength, resulting
in a minimum output voltage swing |VOD| of 480 mV and a
maximum of 650 mV with a load of 50 Ω (two termination
resistors of 100 Ω, one either end of the bus).
RECEIVER THRESHOLDS
The receiver thresholds are the differential voltage levels above
or below which the received signal is considered a Logic 1 or a
Logic 0. For LVDS, a positive VOD >= +100 mV corresponds to
a Logic 1 and a negative VOD <= -100 mV corresponds to a
Logic 0.


Similar Part No. - ADN4694E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4694E AD-ADN4694E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4694E AD-ADN4694E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4694E AD-ADN4694E Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
ADN4694E AD-ADN4694E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4694E AD-ADN4694E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4694E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
   RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com