Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMLA350ADA221MHA0G Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # EMLA350ADA221MHA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EMLA350ADA221MHA0G Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  EMLA350ADA221MHA0G Datasheet HTML 1Page - Nippon Precision Circuits Inc EMLA350ADA221MHA0G Datasheet HTML 2Page - Nippon Precision Circuits Inc EMLA350ADA221MHA0G Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001K
@Low impedance, long life
@Rated voltage 6.3 to 50V, Capacitance 10 to 1,000MF
@Case size F5B5.8L to F10B10L
@Suitable for applications requiring long life and low impedance such as
equipment in continuous operation, industrial applications, etc.
@Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
(20C, 120Hz)
(at 20C after 2 minutes)
(20C, 120Hz)
(120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf life
Items
-40 to +105C
6.3 to 50Vdc
P20%(M)
I=0.01CV or 3MA, whichever is greater
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage(Vdc)
tanE (Max.)
Rated voltage(Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 3,000 hours
at 105C.
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.28
0.32
0.28
6.3V
4
10
E61 to F61
F80
HA0 to JA0
10V
0.24
0.27
0.24
10V
3
7
16V
0.22
0.24
0.22
16V
2
5
25V
0.16
0.16
0.16
25V
2
3
35V
0.13
0.13
0.13
35V
2
3
50V
0.12
0.12
0.12
50V
2
3
?DIMENSIONS [mm]
?MARKING
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for HA0 and JA0
Size code
E61
F61
F80
HA0
JA0
D
5
6.3
6.3
8
10
L
5.8
5.8
7.7
10.0
10.0
A
5.3
6.6
6.6
8.3
10.3
B
5.3
6.6
6.6
8.3
10.3
C
5.9
7.2
7.2
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.4
1.9
1.9
3.1
4.5
4R
100
CLA
EX) 16V100MF
Rated voltage (Vdc)
6.3
10
16
25
35
50
Symbol
j
A
C
E
V
H
@Terminal Code : A
?PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 10MF:100,100MF:101)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M L A A A A A D A A A A
A A A G
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
MLA
Longer life
MVY
Please refer to "Product code guide (surface mount type)"
@Rated voltage symbol
(1/2)


Similar Part No. - EMLA350ADA221MHA0G

ManufacturerPart #DatasheetDescription
logo
GOOD SKY ELECTRIC CO., ...
EML GOODSKY-EML Datasheet
389Kb / 2P
   General Purpose Relay
logo
TANDA UK Limited.
EML-24V-CB TANDAUK-EML-24V-CB Datasheet
3Mb / 2P
   Intelligent Control Panel 24VDC Central Battery
EML-313 TANDAUK-EML-313 Datasheet
1Mb / 1P
   Emergency Light 24VDC Central Battery (INDOOR)
EML-4014 TANDAUK-EML-4014 Datasheet
1Mb / 1P
   Emergency Light 24VDC Central Battery (INDOOR)
EML-4014F TANDAUK-EML-4014F Datasheet
1Mb / 1P
   Emergency Light 24VDC Central Battery (INDOOR)
More results

Similar Description - EMLA350ADA221MHA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com