Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR290UNE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMR290UNE
Description  20 V, 700 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMR290UNE Datasheet(HTML) 3 Page - NXP Semiconductors

  PMR290UNE Datasheet HTML 1Page - NXP Semiconductors PMR290UNE Datasheet HTML 2Page - NXP Semiconductors PMR290UNE Datasheet HTML 3Page - NXP Semiconductors PMR290UNE Datasheet HTML 4Page - NXP Semiconductors PMR290UNE Datasheet HTML 5Page - NXP Semiconductors PMR290UNE Datasheet HTML 6Page - NXP Semiconductors PMR290UNE Datasheet HTML 7Page - NXP Semiconductors PMR290UNE Datasheet HTML 8Page - NXP Semiconductors PMR290UNE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PMR290UNE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 13 September 2011
3 of 16
NXP Semiconductors
PMR290UNE
20 V, 700 mA N-channel Trench MOSFET
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[3]
Measured between all pins.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj =25°C
-
20
V
VGS
gate-source voltage
-8
8
V
ID
drain current
VGS =4.5 V; Tamb =25°C
[1]
-
700
mA
VGS =4.5 V; Tamb =100 °C
[1]
-
440
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
2.8
A
Ptot
total power dissipation
Tamb =25 °C
[2]
-
250
mW
[1]
-
300
mW
Tsp = 25 °C
-
770
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb =25 °C
[1]
-
300
mA
ESD maximum rating
VESD
electrostatic discharge voltage
HBM
[3]
-
2000
V
Fig 1.
Normalized total power dissipation as a
function of junction temperature
Fig 2.
Normalized continuous drain current as a
function of junction temperature
Tj (°C)
−75
175
125
25
75
−25
017aaa123
40
80
120
Pder
(%)
0
Tj (°C)
−75
175
125
25
75
−25
017aaa124
40
80
120
Ider
(%)
0


Similar Part No. - PMR290UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMR290UNE NEXPERIA-PMR290UNE Datasheet
472Kb / 17P
   20 V, 700 mA N-channel Trench MOSFET
Rev. 1 - 13 September 2011
More results

Similar Description - PMR290UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMR290UNE NEXPERIA-PMR290UNE Datasheet
472Kb / 17P
   20 V, 700 mA N-channel Trench MOSFET
Rev. 1 - 13 September 2011
PMDT290UNE NEXPERIA-PMDT290UNE Datasheet
270Kb / 14P
   20 V, 800 mA dual N-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
PMDT290UNE PHILIPS-PMDT290UNE Datasheet
186Kb / 16P
   20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
PMDT290UNE PHILIPS-PMDT290UNE_15 Datasheet
186Kb / 16P
   20 V, 800 mA dual N-channel Trench MOSFET
Rev. 1-13 September 2011
PMGD290UCEA PHILIPS-PMGD290UCEA_15 Datasheet
365Kb / 21P
   20 / 20 V, 725 / 500 mA N/P-channel Trench MOSFET
28 March 2014
logo
Nexperia B.V. All right...
PMDT290UCE NEXPERIA-PMDT290UCE Datasheet
334Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
28 December 2022
PMGD290UCEA NEXPERIA-PMGD290UCEA Datasheet
788Kb / 21P
   20 / 20 V, 725 / 500 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
PMDT290UCE NXP-PMDT290UCE Datasheet
255Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
Rev. 1-6 October 2011
logo
Nexperia B.V. All right...
PMR670UPE NEXPERIA-PMR670UPE Datasheet
467Kb / 17P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1 - 13 September 2011
logo
NXP Semiconductors
PMR670UPE NXP-PMR670UPE Datasheet
190Kb / 16P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1-13 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com