Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAP-09V-S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PAP-09V-S
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAP-09V-S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PAP-09V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 4Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 10Page - List of Unclassifed Manufacturers PAP-09V-S Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
415
1.3
2.85
12.8
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPAL-001T-P0.5
SPAL-002T-P0.5
1.0
∼1.5
0.9
∼1.5
10,000
10,000
0.13∼0.33
0.08∼0.21
26∼22
28∼24
6.3
A
3.7
B
3.4
4.7
2.0
Circuit No.1
6.3
4.4
A
3.7
B
3.4
2.0
Circuit No.1
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
AB
Dimensions(mm)
2
3
4
5
6
7
8
PALR-02VF
PALR-03VF
PALR-04VF
PALR-05VF
PALR-06VF
PALR-07VF
PALR-08VF
2.0
4.0
6.0
8.0
10.0
12.0
14.0
9.4
11.4
13.4
15.4
17.4
19.4
21.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
6.3
1.0
A
3.7
B
3.2
3.4
3.25
2.0
Circuit No.1
6.3
A
3.7
B
3.2
3.4
4.4
5.15
1.6
2.0
Circuit No.1
C
+0.1
0
±0.1
D
C
+0.1
0
±0.1
D
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
CD
AB
Dimensions(mm)
2
3
4
6
7
8
PALR-02V
PALR-03V
PALR-04V
PALR-06V
PALR-07V
PALR-08V
9.8
11.8
13.8
19.8
21.8
23.8
13.4
15.4
17.4
21.4
23.4
25.4
1,000
1,000
1,000
1,000
1,000
1,000
2.0
4.0
6.0
10.0
12.0
14.0
9.4
11.4
13.4
17.4
19.4
21.4
PA FAMILY SERIES /PAL CONNECTOR (Wire-to-wire type)
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPAL-001T-P0.5
AP-K2N
MKS-L
MK/SPAL-001-05
APLMK SPAL001-05
SPAL-002T-P0.5
MKS-L
MK/SPAL-002-05
APLMK SPAL002-05
Without panel locks
(2 to 5 circuits)
With panel locks
(2 to 4 circuits)
(6 to 8 circuits)
Retainers are interchangeable with those of the PA crimp style retainer mountable type.
(6 to 8 circuits)
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PALR-02V(F)-oo-
(blank)…natural (white)
R…red E…blue M…green Y…yellow
Contact
Housing
Retainer
RoHS compliance
RoHS compliance


Similar Part No. - PAP-09V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-09V-S ETC2-PAP-09V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-09V-S ETC2-PAP-09V-S Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-09V-S ETC2-PAP-09V-S Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
logo
JST Mfg. Co., Ltd.
PAP-09V-S JST-PAP-09V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAP-09V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
XAF JST-XAF Datasheet
73Kb / 3P
   2.5 mm pitch/Wire-to-board (IDC disconnectable style)/Wire-to-wire (IDC disconnectable style)
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com