Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4735 Datasheet(PDF) 1 Page - First Components International

Part # 1N4735
Description  1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4735 Datasheet(HTML) 1 Page - First Components International

  1N4735 Datasheet HTML 1Page - First Components International 1N4735 Datasheet HTML 2Page - First Components International 1N4735 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
¬
Weight: 0.34 gram
Features
¬
For surface mounted applications
¬
Case: Molded plastic DO-41
¬
Epoxy: UL 94V-0 rate flame retardant
¬
Terminals: Solderable per MIL-STD-202
method 208
processes
¬
Ideally suited for automated assembly
¬
Polarity: cathode band
¬
Mounting position: Any
Mechanical Data
¬
1.0 W power dissipation
NOTES : (1) Mounted on 5.0mm2(.013mm thick) land areas.
(2) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RthJA
TJ
VF
SYMBOL
PD
Maximum Forward Voltage Drop at IF=10mA
Power Dissipation (Note 1)
VALUE
1.0
1.2
170
-55 to +150
UNIT
W
V
oC
Operating junction and Storage Temperature
C/W
Thermal Resistane Junction to Ambient Air
Range
.205
.160
1.00 Min.
.031 typ.
.080
.107
JEDEC
D0-41
Description
Mechanical Dimensions
Data Sheet
1 Watt
(3.3V to 100V)
o
DO-41
Dimensions in inch
ZENER DIODES


Similar Part No. - 1N4735

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4735 SURGE-1N4735 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4735 JINANJINGHENG-1N4735 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
1N4735 DGNJDZ-1N4735 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4735 SEMTECH-1N4735 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4735 SSC-1N4735 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4735

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
First Components Intern...
DL4728A FCI-DL4728A Datasheet
104Kb / 2P
   1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
First Components Intern...
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Chenmko Enterprise Co. ...
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com