Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160CLA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 4 Page - Vishay Siliconix

  160CLA_13 Datasheet HTML 1Page - Vishay Siliconix 160CLA_13 Datasheet HTML 2Page - Vishay Siliconix 160CLA_13 Datasheet HTML 3Page - Vishay Siliconix 160CLA_13 Datasheet HTML 4Page - Vishay Siliconix 160CLA_13 Datasheet HTML 5Page - Vishay Siliconix 160CLA_13 Datasheet HTML 6Page - Vishay Siliconix 160CLA_13 Datasheet HTML 7Page - Vishay Siliconix 160CLA_13 Datasheet HTML 8Page - Vishay Siliconix 160CLA_13 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 23-Apr-13
4
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
ACCORDING TO JEDEC J-STD-020
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Notes
• Temperature measuring point on top of the case and on terminals.
• Max. 2 runs with pause of min. 30 min in between.
REFLOW SOLDERING CONDITIONS for MAL216099xxxE3
PROFILE FEATURES
CASE CODE
1213 TO 1216
CASE CODE
1616 TO 1821
Max. time from 25 °C to TPeak
300 s
300 s
Max. ramp-up rate to 150 °C
3 K/s
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)
90 s
90 s
Max. time above 230 °C (t4)
65 s
60 s
Peak temperature TPeak
250 °C
245 °C
Max. time above TPeak minus 5 °C
30 s
30 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - 160CLA_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
More results

Similar Description - 160CLA_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com