Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160CLA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 160CLA
Description  Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160CLA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 160CLA Datasheet HTML 2Page - Vishay Siliconix 160CLA Datasheet HTML 3Page - Vishay Siliconix 160CLA Datasheet HTML 4Page - Vishay Siliconix 160CLA Datasheet HTML 5Page - Vishay Siliconix 160CLA Datasheet HTML 6Page - Vishay Siliconix 160CLA Datasheet HTML 7Page - Vishay Siliconix 160CLA Datasheet HTML 8Page - Vishay Siliconix 160CLA Datasheet HTML 9Page - Vishay Siliconix 160CLA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
160 CLA
www.vishay.com
Vishay BCcomponents
Revision: 23-Apr-13
6
Document Number: 28405
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 6 - Typical multiplier of capacitance
as a function of frequency
DISSIPATION FACTOR (tan
)
Fig. 7 - Typical multiplier of dissipation factor (tan
)
as a function of ambient temperature
Fig. 8 - Typical multiplier of dissipation factor (tan
)
as a function of frequency
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16; TA  150 °C
Urev  1 V
Current
Leakage current
After 2 min at UR
IL2  0.01 x CR x UR
Inductance
Equivalent series inductance (ESL)
Ø D
 12.5 mm
Typ. 11 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
Calculated from tan
max. and CR (see Table 5)
ESR = tan
/2fC
R
0.80
0.90
1.00
1.10
1.20
- 60 - 40 - 20
0
20
40
60
80
100 120 140 160
C/C
0
C
0 = Capacitance at 20 °C, 100 Hz
T
amb (°C)
0.50
0.60
0.70
0.80
0.90
1.00
1.10
10
10
2
10
3
10
4
10
5
C/C
0
f (Hz)
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
Curve 1: 2700 μF
Curve 2: 1000 μF
Curve 3: 100 μF
1
2
3
C
0 = Typical capacitance C at 20 °C, 100 Hz
0
2
4
6
8
- 60 - 40 - 20
0
20
40
60
80
100 120 140 160
tan/tan
0
T
amb (°C)
tan
δ = Typical tan δ at 20 °C, 100 Hz
0.1
1
10
10
10
2
10
3
10
2
10
3
10
4
10
5
tan/tan
0
f (Hz)
tan
δ = Typical tan δ at 20 °C, 100 Hz


Similar Part No. - 160CLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
160CLA VISHAY-160CLA Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
160CLA VISHAY-160CLA Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
More results

Similar Description - 160CLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com