Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC604P Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC604P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC604P Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC604P Datasheet HTML 1Page - Fairchild Semiconductor FDC604P Datasheet HTML 2Page - Fairchild Semiconductor FDC604P Datasheet HTML 3Page - Fairchild Semiconductor FDC604P Datasheet HTML 4Page - Fairchild Semiconductor FDC604P Datasheet HTML 5Page - Fairchild Semiconductor FDC604P Datasheet HTML 6Page - Fairchild Semiconductor FDC604P Datasheet HTML 7Page - Fairchild Semiconductor FDC604P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDC604P Rev B(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
===∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA,Referenced to 25°C
–12
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.7
–1.5
V
∆VGS(th)
===∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –5.5 A
VGS = –2.5 V,
ID = –4.8 A
VGS = –1.8 V,
ID = –4.0 A
0.024
0.030
0.042
0.033
0.043
0.060
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –3.5 A
23
S
Dynamic Characteristics
Ciss
Input Capacitance
1926
pF
Coss
Output Capacitance
530
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
185
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
23
ns
tr
Turn–On Rise Time
11
20
ns
td(off)
Turn–Off Delay Time
90
144
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
45
72
ns
Qg
Total Gate Charge
19
30
nC
Qgs
Gate–Source Charge
4
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –3.5 A,
VGS = –4.5 V
7.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.3 A (Note 2)
–0.7
–1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain
pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a. 78°C/W when mounted on a 1in
2 pad of 2oz copper on FR-4 board.
b. 156°C/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width
≤=300 µs, Duty Cycle ≤=2.0%


Similar Part No. - FDC604P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC604P FAIRCHILD-FDC604P Datasheet
91Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDC604P UMW-FDC604P Datasheet
1Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC604P FAIRCHILD-FDC604P_01 Datasheet
91Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - FDC604P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com