Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672D338F6RFV5D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 672D338F6RFV5D
Description  Aluminum Capacitors 105 °C, Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

672D338F6RFV5D Datasheet(HTML) 4 Page - Vishay Siliconix

  672D338F6RFV5D Datasheet HTML 1Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 2Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 3Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 4Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 5Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 6Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 7Page - Vishay Siliconix 672D338F6RFV5D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
672D
www.vishay.com
Vishay Sprague
Revision: 22-May-13
4
Document Number: 42054
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Positive leader is standard. Negative leader is available by special order.
ORDERING EXAMPLE
Electrolytic capacitor 672D series: 672D 336 F 100 DM 5 D
Note
• For lead (Pb)-free/RoHS compliant products add suffix “E3” to part number.
Example: 672D336F100DM5DE3
DIMENSIONS in inches [millimeters]
ITEM
CASE SIZE (DIAMETER x LENGTH)
0.236 x 0.433
[6.0 x 11.0]
0.315 x 0.472
[8.0 x 12.0]
0.394 x 0.512
[10.0 x 13.0]
0.394 x 0.630
[10.0 x 16.0]
0.394 x 0.787
[10.0 x 20.0]
d - Lead-wire diameter
0.025 [0.63]
0.025 [0.63]
0.025 [0.63]
0.025 [0.63]
0.025 [0.63]
P - Pitch of component
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
P0 - Feed hole pitch
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
F - Lead-to-lead distance
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
K - Clinch height
0.098 [2.5]
0.157 [4.0]
n/a
n/a
n/a
H - Height of component from tape center
0.728 [18.5]
0.787 [20.0]
0.906 [23.0]
0.906 [23.0]
0.906 [23.0]
H0 - Lead-wire clinch height
0.630 [16.0]
0.630 [16.0]
n/a
n/a
n/a
W - Tape width
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
W0 - Hold down tape width
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
D0 - Feed hole diameter
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
f - Total tape thickness
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
0.028 [0.7]
L1 - Maximum lead protrusion
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
DESCRIPTION
CODE
EXPLANATION
672D
Product type
336
Capacitance value (33 μF)
F
Tolerance (F = - 10 %/+ 50 %)
100
Voltage rating at 105 °C (100 = 100 V)
DM
Can size (see Dimensions table)
5
Sleeve and sealing (5 = Polyester sleeve w/epoxy end seal)
D
Terminal code/packaging (D = Bulk; straight leads)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
)
MAX. RIPPLE
AT + 85 °C (A)
MAX.
IMPEDANCE
AT + 25 °C (m
)
100 Hz
120 Hz
20 kHz
20 kHz TO 100 kHz
6.3 WVDC AT 105 °C, SURGE = 9 V
150.0
672D157F6RCD5D
0.394 x 0.630 [10.0 x 16.0]
1.10
0.70
0.50
0.60
220.0
672D227F6RCG5D
0.394 x 0.787 [10.0 x 20.0]
0.75
0.40
0.70
0.33
1000.0
672D108F6REK5D
0.630 x 0.984 [16.0 x 25.0]
0.16
0.09
2.05
0.085
1500.0
672D158F6RET5D
0.630 x 1.319 [16.0 x 33.5]
0.105
0.06
2.90
0.055
3300.0
672D338F6RFV5D
0.709 x 1.575 [18.0 x 40.0]
0.075
0.045
3.40
0.045
12 WVDC AT 105 °C, SURGE = 16 V
100.0
672D107F012CC5D
0.394 x 0.512 [10.0 x 13.0]
1.60
0.90
0.40
0.70
470.0
672D477F012DM5D
0.492 x 1.043 [12.5 x 26.5]
0.31
0.16
1.35
0.12
1000.0
672D108F012DS5D
0.492 x 1.673 [12.5 x 42.5]
0.15
0.08
2.35
0.06
2200.0
672D228F012FV5D
0.709 x 1.575[18.0 x 40.0]
0.08
0.05
3.30
0.05
15 WVDC AT 105 °C, SURGE = 20 V
100.0
672D107F015CD5D
0.394 x 0.630 [10.0 x 16.0]
1.35
0.70
0.50
0.50
470.0
672D477F015DT5D
0.492 x 1.319 [12.5 x 35.5]
0.25
0.12
1.75
0.11
1000.0
672D108F015ET5D
0.630 x 1.319 [16.0 x 33.5]
0.12
0.06
2.90
0.055
20 WVDC AT 105 °C, SURGE = 30 V
100.0
672D107F020CG5D
0.394 x 0.787 [10.0 x 20.0]
1.25
0.40
0.70
0.35
470.0
672D477F020EK5D
0.630 x 0.984 [16.0 x 25.0]
0.24
0.09
2.00
0.085
1000.0
672D158F020FV5D
0.709 x 1.575 [18.0 x 40.0]
0.09
0.05
3.25
0.05


Similar Part No. - 672D338F6RFV5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
672D338F6RFV5D VISHAY-672D338F6RFV5D Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
More results

Similar Description - 672D338F6RFV5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com