Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672D158F020FV5D Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 672D158F020FV5D
Description  Aluminum Capacitors 105 °C, Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

672D158F020FV5D Datasheet(HTML) 7 Page - Vishay Siliconix

  672D158F020FV5D Datasheet HTML 1Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 2Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 3Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 4Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 5Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 6Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 7Page - Vishay Siliconix 672D158F020FV5D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
672D
www.vishay.com
Vishay Sprague
Revision: 22-May-13
7
Document Number: 42054
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
75 WVDC AT 105 °C, SURGE = 100 V
12.0
CD
672D126H075CD5C
18.0
CG
672D186H075CG5C
82.0
EK
672D826H075EK5C
120.0
ET
672D127H075ET5C
270.0
FV
672D277H075FV5C
100 WVDC AT 105 °C, SURGE = 125 V
8.2
CC
672D825H100CC5C
10.0
CD
672D106H100CD5C
33.0
DM
672D336H100DM5C
68.0
EK
672D686H100EK5C
120.0
ET
672D127H100ET5C
180.0
FV
672D187H100FV5C
150 WVDC AT 105 °C, SURGE = 200 V
6.8
CG
672D685H150CG5C
22.0
DT
672D226H150DT5C
39.0
ET
672D396H150ET5C
68.0
FV
672D686H150FV5C
200 WVDC AT 105 °C, SURGE = 250 V
4.7
CG
672D475H200CG5C
15.0
DT
672D156H200DT5C
27.0
ET
672D276H200ET5C
47.0
FV
672D476H200FV5C
250 WVDC AT 105 °C, SURGE = 300 V
8.2
DM
672D825H250DM5C
10.0
DT
672D106H250DT5C
22.0
ET
672D226H250ET5C
39.0
FV
672D396H250FV5C
ELECTRICAL DATA AND ORDERING INFORMATION - Original ratings
CAPACITANCE (μF)
CASE CODE
PART NUMBER
Note
(1) Capacitance tolerance code H, - 10 %, + 100 %; Lead code C, cut leads. C lead = Negative lead: 0.281" [7.1 mm], ± 0.062" [1.6 mm]; Positive
lead: 0375" [9.5 mm], ± 0.062" [1.6 mm]. D lead = 1.0" [25.4 mm] minimum.


Similar Part No. - 672D158F020FV5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
672D158F020FV5D VISHAY-672D158F020FV5D Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
More results

Similar Description - 672D158F020FV5D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
U673D VISHAY-U673D Datasheet
384Kb / 13P
   Aluminum Capacitors 105 °C, Tubular Radial Lead
Revision: 16-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com