Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-CA1D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E52-CA1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-CA1D Datasheet(HTML) 1 Page - Omron Electronics LLC

  E52-CA1D Datasheet HTML 1Page - Omron Electronics LLC E52-CA1D Datasheet HTML 2Page - Omron Electronics LLC E52-CA1D Datasheet HTML 3Page - Omron Electronics LLC E52-CA1D Datasheet HTML 4Page - Omron Electronics LLC E52-CA1D Datasheet HTML 5Page - Omron Electronics LLC E52-CA1D Datasheet HTML 6Page - Omron Electronics LLC E52-CA1D Datasheet HTML 7Page - Omron Electronics LLC E52-CA1D Datasheet HTML 8Page - Omron Electronics LLC E52-CA1D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CSM_E52_DS_E_
7_1
1
Temperature Sensor
E52
A Wide Variety of High-precision
Temperature Sensors
• Ideal for the thermal input devices of Temperature Controllers.
• Select from a wide variety of Temperature Sensors according to
the temperature to be measured, location, and environment,
and also according to the type and shape of the terminal.
• General-purpose, low-cost, and exclusive models are available.
Refer to Safety Precautions for All Temperature
Controllers.
Ordering Information
■ List of Models
Note: 1. Exclusive models are provided on the following page.
2. These tables provide general specifications only. Be sure to read the detailed specifications and precautions before use.
3. The temperature range varies with the material, thickness, and construction of the protective tubing.
Classifi-
cation
Descrip-
tion
Model and appearance
Tempera-
ture range
(See note 3.)
Element
type
Conduc-
tor type
Class
Protective
tubing
material
Terminal
type
Page
General-
purpose
Models
Sheathed
platinum
resistance
thermom-
eter
E52-P
@A
−200°C to
450
°C
Pt100
3-conduc-
tor system
B
SUS316
Exposed
lead wires
5
E52-P
@C
Enclosed
terminals
6
Standard
platinum
resistance
thermom-
eter
E52-P
@B0°C to 450°C
Exposed
terminals
6
E52-P
@C
Enclosed
terminals
7
Sheathed
thermo-
couple
E52-CA
@A
E52-IC
@A
0
°C to
1,050
°C
K (CA)
J (IC)
Non-
grounded
type
2 (0.75)
SUS316
Exposed
lead wires
9
E52-CA
@B
E52-IC
@B
Exposed
terminals
13
E52-CA
@C
E52-IC
@C
Enclosed
terminals
13
Standard
thermo-
couple
E52-CA
@B
E52-IC
@B
0
°C to
1,000
°C
SUS316
SUS310S
Exposed
terminals
14
E52-CA
@C
E52-IC
@C
Enclosed
terminals
15
E52-PR
@C0°C to
1,400
°C
R (PR)
2 (0.25)
JIS ceramic
JIS special
ceramic
Enclosed
terminals
16
Low-cost
Models
Low-cost
platinum
resistance
thermom-
eter
E52-P10AE
E52-P6D
E52-P6F
−50°C to
250
°C
Pt100
3-conduc-
tor system
B
SUS304
Exposed
lead wires
17
Low-cost
thermo-
couple
E52-CA
@AS
E52-IC
@AS
0
°C to 400°CK (CA)
J (IC)
Non-
grounded
type
2 (0.75)
18
E52-CA1D
E52-IC1D
E52-CA6F
E52-IC6F
E52-CA6D
E52-IC6D
Grounded
type
19
E52-CA10AE
E52-IC10AE
Non-
grounded
type
21


Similar Part No. - E52-CA1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-CA1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com