Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-CA1D Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E52-CA1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-CA1D Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E52-CA1D Datasheet HTML 9Page - Omron Electronics LLC E52-CA1D Datasheet HTML 10Page - Omron Electronics LLC E52-CA1D Datasheet HTML 11Page - Omron Electronics LLC E52-CA1D Datasheet HTML 12Page - Omron Electronics LLC E52-CA1D Datasheet HTML 13Page - Omron Electronics LLC E52-CA1D Datasheet HTML 14Page - Omron Electronics LLC E52-CA1D Datasheet HTML 15Page - Omron Electronics LLC E52-CA1D Datasheet HTML 16Page - Omron Electronics LLC E52-CA1D Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
E52
13
Exposed-terminal Models
E52-CA
@B
E52-IC
@B
Dimensions
Dimensions are given in millimeters, except for the length (L), which
is provided in centimeters.
Permissible Temperature in Dry Air
Terminal box: The permissible temperature is 0
°C to 100°C.
Model Information
Custom-made models are available on request. Refer to Model Number Legend on page 8 for details.
Enclosed-terminal Models
E52-CA
@C
E52-IC
@C
Dimensions
Dimensions are given in millimeters, except for the length (L), which
is provided in centimeters.
Permissible Temperature in Dry Air
Terminal box: The permissible temperature is 0
°C to 80°C.
Note: The terminals in the cap indicate polarity (+ or
−).
Model Information
Custom-made models are available on request. Refer to Model Number Legend on page 8 for details.
Aluminum die-cast terminal box
22 dia
L
SUS316 sheath
D
40
Two, M3
16
45
4
16
+
D
Element wire
K (CA) SUS316
J (IC) SUS316
3.2 dia.
750
°C650°C
4.8 dia.
800
°C750°C
6.4 dia.
800
°C750°C
8.0 dia.
900
°C750°C
Element type Terminal type
Protective
tubing length
L (cm)
Protective tubing diameter D (mm)
3.2 dia.
4.8 dia.
6.4 dia.
8 dia.
Model
K (CA)
Exposed-ter-
minal Models
20
E52-CA20B D=3.2
E52-CA20B D=4.8
E52-CA20B D=6.4
---
35
E52-CA35B D=3.2
E52-CA35B D=4.8
E52-CA35B D=6.4
E52-CA35B D=8
50
E52-CA50B D=3.2
E52-CA50B D=4.8
E52-CA50B D=6.4
E52-CA50B D=8
75
---
E52-CA75B D=4.8
E52-CA75B D=6.4
E52-CA75B D=8
J (IC)
Exposed-ter-
minal Models
20
E52-IC20B D=3.2
E52-IC20B D=4.8
E52-IC20B D=6.4
---
35
E52-IC35B D=3.2
E52-IC35B D=4.8
E52-IC35B D=6.4
E52-IC35B D=8
50
E52-IC50B D=3.2
E52-IC50B D=4.8
E52-IC50B D=6.4
E52-IC50B D=8
75
---
E52-IC75B D=4.8
E52-IC75B D=6.4
E52-IC75B D=8
57
34 dia.
65
SUS316 sheath
4
16
19
35
Cap
L-40
D
14 dia.
Use wiring terminals that fit M3 screws.
Aluminum die-cast
terminal box
G3/8, 19 mm between facing sides,
10 inner dia. (with 7-inner-dia.
rubber bushing built-in)
D
Element wire
K (CA) SUS316
J (IC) SUS316
3.2 dia.
750
°C650°C
4.8 dia.
800
°C750°C
6.4 dia.
800
°C750°C
8.0 dia.
900
°C750°C
Element type Terminal type
Protective
tubing length
L (cm)
Protective tubing diameter D (mm)
3.2 dia.
4.8 dia.
6.4 dia.
8 dia.
Model
K (CA)
Enclosed-ter-
minal Models
20
E52-CA20C D=3.2
E52-CA20C D=4.8
E52-CA20C D=6.4
---
35
E52-CA35C D=3.2
E52-CA35C D=4.8
E52-CA35C D=6.4
E52-CA35C D=8
50
E52-CA50C D=3.2
E52-CA50C D=4.8
E52-CA50C D=6.4
E52-CA50C D=8
75
---
E52-CA75C D=4.8
E52-CA75C D=6.4
E52-CA75C D=8
J (IC)
Enclosed-ter-
minal Models
20
E52-IC20C D=3.2
E52-IC20C D=4.8
E52-IC20C D=6.4
---
35
E52-IC35C D=3.2
E52-IC35C D=4.8
E52-IC35C D=6.4
E52-IC35C D=8
50
E52-IC50C D=3.2
E52-IC50C D=4.8
E52-IC50C D=6.4
E52-IC50C D=8
75
---
E52-IC75C D=4.8
E52-IC75C D=6.4
E52-IC75C D=8


Similar Part No. - E52-CA1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-CA1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com