Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-IC1D Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E52-IC1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC1D Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E52-IC1D Datasheet HTML 18Page - Omron Electronics LLC E52-IC1D Datasheet HTML 19Page - Omron Electronics LLC E52-IC1D Datasheet HTML 20Page - Omron Electronics LLC E52-IC1D Datasheet HTML 21Page - Omron Electronics LLC E52-IC1D Datasheet HTML 22Page - Omron Electronics LLC E52-IC1D Datasheet HTML 23Page - Omron Electronics LLC E52-IC1D Datasheet HTML 24Page - Omron Electronics LLC E52-IC1D Datasheet HTML 25Page - Omron Electronics LLC E52-IC1D Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
E52
22
Thermocouples with Crimp Terminals
■ Platinum Resistance Thermometers
Platinum Resistance Thermometers for Surface Temperature Measurement
Specifications
E52-P2GS
Dimensions
Platinum Resistance Thermometers for Room Temperature Measurement
Specifications
Note: The E52-CA1GT is also
available with double elements.
Refer to page 23 for details.
Element type
K (CA), J (IC)
Element
diameter
0.65 mm (single
wire)
Class
Class 2 (0.75)
Thermal contact Grounded type
Temperature
range
0
°C to 300°C
Lead wire
0
°C to 150°C
E52-CA1GT, E52-IC1GT
Dimensions
Lead wire
length (m)
Element type: K (CA)
Element type: J (IC)
Model
1
E52-CA1GT 1M
E52-IC1GT 1M
2
E52-CA1GT 2M
E52-IC1GT 2M
M
15
4.4 dia.
M4, round crimp terminal
80
6.5
Silicone tubing
6 dia. max.
Glass-wool-braided shield with maximum
external dimensions of 4.2 dia. (CA) and
5.2 dia. (IC)
Color code
(K: Blue, J: Yellow)
Lead wire length (M): 1 or 2 m
Y-type crimp
terminal for M4
White/red stripe (+)
White stripe (
−)
K (CA)
J (IC)
White/red stripe (+)
White/yellow stripe (
−)
Element type
Pt100
Class
Class B
Protective tubing material
SUS304
With brass-nickel-plated bracket
Conductor type
3-conductor system
Temperature range
−50°C to 250°C
Lead wire
−50°C to 150°C
Lead wire length (m)
Model
1
E52-P2GS 1M
2
E52-P2GS 2M
Press
20
14
5
Four, 3.2 dia.
Brass-nickel-plated bracket
Red (A)
White (B)
Black (B)
M
80
Silicone tubing
(8-dia.)
20
28
50
Approx. 32
6
1.5
6-dia. SUS304
sleeve
Silicone-covered 3-conductor cable
with twelve 0.18-dia. conductors (0.3-mm thick)
and approx. 4.8 dia.
Lead wire length (M): 1 or 2 m
Y-type crimp
terminal for M4
20 dia.
65 dia.
7 dia.
100
15
80
97
92
55
78
PF1/2
Red (A)
White (B)
Black (B)
2,000
Aluminum alloy
SUS304 8 dia.
Brass-nickel-plated
protective pipe
6.7-outer-dia. vinyl-
covered 3-conductor cable
(twenty 0.18-dia.
conductors, 0.5 mm thick)
Y-type crimp
terminal for M4
Specifications
Element type
Pt100
Class
Class B
Protective tubing
material
SUS304
Conductor type
3-conductor system
Temperature range
−50°C to 60°C
Lead wire
−20°C to 70°C
E52-P10GR
Dimensions
Lead wire length (m)
Model
2
E52-P10GR 2M


Similar Part No. - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com