Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-IC1D Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # E52-IC1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC1D Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E52-IC1D Datasheet HTML 23Page - Omron Electronics LLC E52-IC1D Datasheet HTML 24Page - Omron Electronics LLC E52-IC1D Datasheet HTML 25Page - Omron Electronics LLC E52-IC1D Datasheet HTML 26Page - Omron Electronics LLC E52-IC1D Datasheet HTML 27Page - Omron Electronics LLC E52-IC1D Datasheet HTML 28Page - Omron Electronics LLC E52-IC1D Datasheet HTML 29Page - Omron Electronics LLC E52-IC1D Datasheet HTML 30Page - Omron Electronics LLC E52-IC1D Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
E52
27
Enclosed-terminal Models
Silicone-covered Lead Wires Models
■ Thermocouples
Exposed-lead Models with Screws
Specifications
E52-CA1D-40
Dimensions
Thermocouples with Crimp Terminals
Specifications
E52-CA1GT-14
Dimensions
Lead wire length (M): 1 or 2 m
57
98
40 dia.
Terminal box
Protective tubing
80 dia.
150
D
E52-P20C-7
Dimensions
Specifications
Element type
Pt100
Class
Class B
Protective tubing
material
SUS316 (with sheath)
Conductor type
3-conductor system
Temperature range
−200°C to 450°C
Model
Protective tubing
length L (cm)
Protective
tubing diameter
E52-P20C-7 D=4.8
20
D = 4.8
E52-P20C-7 D=6.4
20
D = 6.4
Element type
K (CA)
Class
Class 2 (0.75)
Screw material
SUS304
Thermal contact
Grounded type
Temperature range
0
°C to 300°C
Lead wire
Silicone-covered (0.1/30): 0
°C to
150
°C
Model
Screw pitch
Lead wire
length (m)
E52-CA1D-40 M6 1M
M6
1
E52-CA1D-40 M6 2M
M6
2
E52-CA1D-40 M6 4M
M6
4
11
2.8
10
13
80
Silicone
covering
Silicone
covering
M
80
4.2
1
3.8 dia.
Movable ring
SUS304 screw
8 dia. Caulking SUS304
spring with
6.5 outer dia.
and 5.2
inside dia.
Silicone
shrinkable tubing
Crimp terminal
for M4
Thermo-
couple
element
wire
Red (+)
White (
−)
Element type
K (CA)
Class
Class 2 (0.75)
Thermal contact
Grounded type
Temperature range
0
°C to 300°C
Lead wire
Silicone-covered (0.1/30): 0
°C to
150
°C
Model
Lead wire length (m)
E52-CA1GT-14 1M
1
E52-CA1GT-14 2M
2
6.5
15
M
30
80
M4, round,
crimp terminal
Red (+)
White (
−)
Silicone-covered
compensating cable with
thirty 0.1-dia. conductors
and external dimensions
of 3.5
× 4.9
Color tubing
Blue CA (K)
Crimp terminal
for M4


Similar Part No. - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com