Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-IC1D Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # E52-IC1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC1D Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E52-IC1D Datasheet HTML 25Page - Omron Electronics LLC E52-IC1D Datasheet HTML 26Page - Omron Electronics LLC E52-IC1D Datasheet HTML 27Page - Omron Electronics LLC E52-IC1D Datasheet HTML 28Page - Omron Electronics LLC E52-IC1D Datasheet HTML 29Page - Omron Electronics LLC E52-IC1D Datasheet HTML 30Page - Omron Electronics LLC E52-IC1D Datasheet HTML 31Page - Omron Electronics LLC E52-IC1D Datasheet HTML 32Page - Omron Electronics LLC E52-IC1D Datasheet HTML 33Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
E52
29
Exposed-lead Models
E52-THE5A
Dimensions
Note: The lead wires have no polarity
Exposed-lead Models with Screws
E52-THE6D
Dimensions
Note: The lead wires have no polarity
Exposed-lead Models with Flange
E52-THE6F
Dimensions
Note: The lead wires have no polarity
Note: 1. The Thermistor lead cable can be extended with a standard lead wire for extension. If waterproof performance is required, be sure that
the lead cable joint is of waterproof construction as well.
2. Be sure to specify the model and temperature range when ordering the Thermistor. The Thermistor has a color code according to the
temperature range.
4 dia.
50
1,030
10
50
15
SUS304 t0.25
Color code
Lead wires
(See note.)
Caulking
Temperature range
Model
−50°C to 50°C
E52-THE5A
−50-50°C 1M
0
°C to 100°C
E52-THE5A 0-100
°C 1M
50
°C to 150°C
E52-THE5A 50-150
°C 1M
100
°C to 200°C
E52-THE5A 100-200
°C 1M
150
°C to 300°C
E52-THE5A 150-300
°C 1M
65
15
1,000
10
50
15
Tapered pipe thread
SUS304
R1/8
14
4 dia.
Argon arc welding
10 6
SUS304 t0.25
Color code
Lead wires
(See note.)
Temperature range
Model
−50°C to 50°C
E52-THE6D
−50-50°C 1M
0
°C to 100°C
E52-THE6D 0-100
°C 1M
50
°C to 150°C
E52-THE6D 50-150
°C 1M
100
°C to 200°C
E52-THE6D 100-200
°C 1M
150
°C to 300°C
E52-THE6D 150-300
°C 1M
15
1,000
10
50
15
65
1
SUS304 t0.25
SUS304
4 dia.
120
°
20 dia.
30 dia.
Three, 3.5 dia.
120
°
Color code
Lead wires
(See note.)
Silver
soldering
Temperature range
Model
−50°C to 50°C
E52-THE6F
−50-50°C 1M
0
°C to 100°C
E52-THE6F 0-100
°C 1M
50
°C to 150°C
E52-THE6F 50-150
°C 1M
100
°C to 200°C
E52-THE6F 100-200
°C 1M
150
°C to 300°C
E52-THE6F 150-300
°C 1M


Similar Part No. - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com