Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP53T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCP53T1G
Description  PNP Silicon Epitaxial Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53T1G Datasheet(HTML) 3 Page - ON Semiconductor

  BCP53T1G Datasheet HTML 1Page - ON Semiconductor BCP53T1G Datasheet HTML 2Page - ON Semiconductor BCP53T1G Datasheet HTML 3Page - ON Semiconductor BCP53T1G Datasheet HTML 4Page - ON Semiconductor BCP53T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP53 Series, SBCP53 Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. DC Current Gain vs. Collector
Current (BCP53)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.2
0.6
0.8
1.0
1.4
1.8
2.0
Figure 3. DC Current Gain vs. Collector
Current (BCP53−10)
Figure 4. DC Current Gain vs. Collector
Current (BCP53−16)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 5. BCP53, −10 Base Emitter Saturation
Voltage vs. Collector Current
Figure 6. BCP53−16 Base Emitter Saturation
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
0.4
1.2
1.6
IC/IB = 10
BCP53, −10, −16
+150°C
+25°C
−55°C
10
1
0.1
0.01
0.001
0
20
60
80
100
140
180
200
40
120
160
150°C, 5 V
150°C, 2 V
25°C, 5 V
25°C, 2 V
−55°C, 5 V
−55°C, 2 V
10
1
0.1
0.01
0.001
0
20
60
80
100
140
180
40
120
160
150°C, 5 V
150°C, 2 V
25°C, 5 V
25°C, 2 V
−55°C, 5 V
−55°C, 2 V
10
1
0.1
0.01
0.001
0
100
150
200
300
50
250
150°C, 5 V
150°C, 2 V
25°C, 5 V
25°C, 2 V
−55°C, 5 V
−55°C, 2 V
10
1
0.1
0.01
0.001
0.4
0.6
0.7
0.8
0.9
1.1
1.2
0.5
1.0
IC/IB = 10
BCP53, −10
+150°C
+25°C
−55°C
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.4
0.6
0.7
0.8
0.9
1.1
1.2
0.5
1.0
IC/IB = 10
BCP53 −16
+150°C
+25°C
−55°C


Similar Part No. - BCP53T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

Similar Description - BCP53T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com