Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8000-063 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS8000-063
Description  Increase package design flexibility while maintaining electrical integrity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS8000-063 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS8000-063 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8000-063 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Extended Service Heights
The GS8000 Series of GORE® EMI Shielding Materials performs well
in both grounding and EMI shielding applications. Gore recommends
using each variant within a range of service heights (gap distances).
For shielding applications, Gore recommends a smaller service height
range than for grounding applications to ensure a robust EMI seal.
The low closure force and broad range of tolerance take-up results in
multiple product choices for some gap distances. Selecting the most
suitable variant for a given application depends on:
1. Gap distance of the housing that needs to be filled
2. Compression force required to achieve the specified gap distance
3. Required DC resistance for grounding applications (or required
shielding effectiveness for shielding applications) at a specified
gap distance
Figure 1 and Figure 2 show recommended service heights (gap
distances) for each variant.
Figure 1: Recommended Service Heights for Use
in EMI Gasket Applications
1
To measure the recovered thickness, samples were compressed to the compression stop. While compressed, the samples were subjected to a 70°C temperature soak for 70 hrs per ASTM
D395B. Lastly, the samples were released from compression and allowed to recover for 30 minutes before the recovered thickness was measured.
Pressure and DC Resistance
Three of the variants among the GS8000 Series provide conductivity
when compressed to 0.6 mm (0.24 in); however, the amount of
pressure and DC resistance varies for each. Table 2 shows the values
for each of these three variants.
Table 2: Pressure and DC Resistance Values
at 0.6 mm Gap (data taken from Figures 3 – 6)
Variants
Pressure Required (psi) DC Resistance (ohms)
GS8000-063
15
0.03
GS8000-095
55
0.02
GS8000-126
75
0.01
Table 3: Product Specifications (measuredon5x5mmgroundingpads)
Figure 2: Recommended Service Heights for Use
in Grounding Pads
2.40
2.25
2.10
1.95
1.80
1.65
1.50
1.35
1.20
1.05
0.90
0.75
0.60
0.45
0.30
0.15
0.00
GS8000 Series
GS8000-03X
GS8000-063
GS8000-095
GS8000-126
2.20 mm @ 1 psi
1.40 mm
@ 5 psi
0.60 mm @ 75 psi
1.20 mm @ 5 psi
0.85 mm
@ 20 psi
0.50 mm @ 100 psi
0.90 mm @ 5 psi
0.60 mm
@ 15 psi
0.30 mm @ 95 psi
0.45 mm @ 10 psi
0.30 mm
@ 50 psi
0.15 mm @ 325 psi
1.50
1.35
1.20
1.05
0.90
0.75
0.60
0.45
0.30
0.15
0.00
GS8000 Series
GS8000-03X
GS8000-063
GS8000-095
GS8000-126
1.40 mm @ 5 psi
0.60 mm @ 75 psi
0.85 mm @ 20 psi
0.50 mm @ 100 psi
0.60 mm @ 15 psi
0.30 mm @ 95 psi
0.30 mm @ 50 psi
0.15 mm @ 325 psi
GS8000 SERIES — Gaskets
and Grounding Pads
GORE
®
EMI Shielding
MATERIALS
Page 2
Pressure to Achieve
Initial DC
Recovered
Variants
Weight
Compression
Resistance
Thickness
(g)
(psi)
(ohms)
mm (in)1
High
0.45 (0.018)
10
0.245
0.56 (0.022)
GS8000-03X
0.008
Recommended
0.30 (0.012)
50
0.125
0.38 (0.015)
Low
0.15 (0.006)
325
0.015
0.25 (0.010)
High
0.90 (0.035)
5
0.070
1.19 (0.047)
GS8000-063
0.010
Recommended
0.60 (0.024)
15
0.025
0.91 (0.036)
Low
0.30 (0.012)
95
0.007
0.51 (0.020)
High
1.20 (0.047)
5
0.115
1.65 (0.065)
GS8000-095
0.011
Recommended
0.85 (0.033)
20
0.040
1.24 (0.049)
Low
0.50 (0.020)
100
0.010
0.74 (0.029)
High
2.20 (0.087)
1
0.240
2.62 (0.103)
GS8000-126
0.013
Recommended
1.40 (0.055)
5
0.150
1.90 (0.075)
Low
0.60 (0.024)
75
0.012
0.94 (0.037)
Compression Stop
mm (in)


Similar Part No. - GS8000-063

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS8000 GENNUM-GS8000 Datasheet
302Kb / 16P
   DVI / HDMI Extender
GS8000ACNE3 GENNUM-GS8000ACNE3 Datasheet
302Kb / 16P
   DVI / HDMI Extender
More results

Similar Description - GS8000-063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com