Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E52-THE5A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E52-THE5A
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-THE5A Datasheet(HTML) 4 Page - Omron Electronics LLC

  E52-THE5A Datasheet HTML 1Page - Omron Electronics LLC E52-THE5A Datasheet HTML 2Page - Omron Electronics LLC E52-THE5A Datasheet HTML 3Page - Omron Electronics LLC E52-THE5A Datasheet HTML 4Page - Omron Electronics LLC E52-THE5A Datasheet HTML 5Page - Omron Electronics LLC E52-THE5A Datasheet HTML 6Page - Omron Electronics LLC E52-THE5A Datasheet HTML 7Page - Omron Electronics LLC E52-THE5A Datasheet HTML 8Page - Omron Electronics LLC E52-THE5A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
E52
4
Model Number Structure
The type of resistance thermometer, protective tubing length, and lead length can be specified as shown below.
■ Model Number Legend
Platinum Resistance Thermometers
1. Element type
P: Pt100
2. Protective tubing length (L)
Specify the length in centimeters within the following range:
Unit (cm)
E52-
@@A
E52-
@@B
E52-
@@C
3. Terminal
A: Exposed lead wires
B: Exposed terminals
C: Enclosed terminals
4. Diameter
3.2: 3.2-mm dia. (Protective tubing construction: Sheathed)
E52-
@@A and E52-@@C only
4.8: 4.8-mm dia. (Protective tubing construction: Sheathed)
E52-
@@A and E52-@@C only
6.4: 6.4-mm dia. (Protective tubing construction: Sheathed)
E52-
@@A and E52-@@C only
8:
8-mm dia. (Protective tubing construction: Standard)
E52-
@@B and E52-@@C only
10: 10-mm dia. (Protective tubing construction: Standard)
E52-
@@C only
5. Heat resistance
Specify for E52-
@@A model only.
6. Lead length (M)
Specify the length in meters within the following range for the E52-
@@A only:
Range: 1 to 100 m
Examples
Element: Pt100, protective tubing length: 420 mm, exposed leads, protective tubing dia.: 4.8 mm, heat resistive, lead length: 10 m
E52-P42A D=4.8 NETU 10M
General-purpose Models
■ Sheathed Platinum Resistance Thermometers
Refer to Model Number Legend above for the Pt100.
Specifications
E52-
@@@ D=@@@M
123
4
5 6
Diameter (D)
Length (L)
3.2
7 to 100
4.8
10 to 600
6.4
13 to 1,300
Diameter (D)
Length (L)
8
20 to 100
Diameter (D)
Length (L)
3.2
12 to 100
4.8
15 to 600
6.4
18 to 1,300
8
21 to 100
10
26 to 100
Code
Temperature range
Lead type
---
−20°C to 70°C
Sleeve: 0
°C to 70°C
Vinyl-covered
NETU
0
°C to 180°C
Sleeve: 0
°C to 100°C
Glass-wool-covered,
externally shielded
Element type
Pt100
Class
JIS class B
Sheath material
SUS316
Sheath outer diameter
3.2 dia., 4.8 dia., 6.4 dia.
Conductor type
3-conductor system
Temperature range
−200°C to 450°C (in dry air)


Similar Part No. - E52-THE5A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-THE5A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com