Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-247AC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TO-247AC
Description  INSULATED GATE BIPOLAR TRANSISTORWITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TO-247AC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TO-247AC Datasheet HTML 1Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 2Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 3Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 4Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 5Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 6Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 7Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 8Page - List of Unclassifed Manufacturers TO-247AC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
IRGP4650DPbF
IRGP4650D-EPbF
www.irf.com © 2012 International Rectifier
January 8, 2013
1
TO-247AC
IRGP4650DPbF
TO-247AD
IRGP4650D-EP
G C
E
C
G C
E
C
E
G
n-channel
C
GC
E
Gate
Collector
Emitter
Applications
• Industrial Motor Drive
• Inverters
• UPS
• Welding
VCES = 600V
IC = 50A, TC = 100°C
tSC 5μs, TJ(max) = 175°C
VCE(on) typ. = 1.60V @ IC = 35A
Form
Quantity
IRGP4650DPbF
TO-247AC
Tube
25
IRGP4650DPbF
IRGP4650D-EPbF
TO-247AD
Tube
25
IRGP4650D-EPbF
Base part number
Package Type
Standard Pack
Orderable part number
Features
Benefits
Low VCE(ON) and Switching Losses
High efficiency in a wide range of applications and switching
frequencies
Square RBSOA and Maximum Junction Temperature 175°C
Improved reliability due to rugged hard switching performance
and higher power capability
Positive VCE (ON) Temperature Coefficient
Excellent current sharing in parallel operation
5μs short circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS compliant
Environmentally friendly
Absolute Maximum Ratings
Parameter
Max.
Units
V
CES
Collector-to-Emitter Voltage
600
V
I
C @ TC = 25°C
Continuous Collector Current
76
I
C @ TC = 100°C
Continuous Collector Current
50
I
CM
Pulse Collector Current, VGE = 15V
d
105
A
I
LM
Clamped Inductive Load Current, VGE = 20V
c
140
I
F @ TC = 25°C
Diode Continous Forward Current
76
I
F @ TC = 100°C
Diode Continous Forward Current
50
I
FM
Diode Maximum Forward Current
140
V
GE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
P
D @ TC = 25°C
Maximum Power Dissipation
268
W
P
D @ TC = 100°C
Maximum Power Dissipation
134
T
J
Operating Junction and
-55 to +175
T
ST G
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Junction-to-Case (IGBT)
f
–––
–––
0.56
°C/W
RJC (Diode)
Junction-to-Case (Diode)
f
–––
–––
1.0
RCS
Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Junction-to-Ambient (typical socket mount)
–––
–––
40


Similar Part No. - TO-247AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-247AC ETC1-TO-247AC Datasheet
337Kb / 12P
   INSULATED GATEBIPOLARTRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
TO-247AC ETC1-TO-247AC Datasheet
348Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
TO-247AC VISHAY-TO-247AC Datasheet
185Kb / 8P
   E Series Power MOSFET
Rev. E, 11-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com