Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6318 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDC6318
Description  Dual P-Channel 1.8V PowerTrench Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6318 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC6318 Datasheet HTML 1Page - Fairchild Semiconductor FDC6318 Datasheet HTML 2Page - Fairchild Semiconductor FDC6318 Datasheet HTML 3Page - Fairchild Semiconductor FDC6318 Datasheet HTML 4Page - Fairchild Semiconductor FDC6318 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2001
2001 Fairchild Semiconductor Corporation
FDC6318P Rev D (W)
FDC6318P
Dual P-Channel 1.8V PowerTrench Specified MOSFET
General Description
These P-Channel 1.8V specified MOSFETs are
produced using Fairchild Semiconductor's advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain low
gate charge for superior switching performance.
Applications
• Power management
• Load switch
Features
• –2.5 A, –12 V. RDS(ON) = 90 mΩ @ VGS = –4.5 V
RDS(ON) = 125 m
Ω @ VGS = –2.5 V
RDS(ON) = 200 m
Ω @ VGS = –1.8 V
• High performance trench technology for extremely
low R
DS(ON)
• SuperSOTTM-6 package: small footprint (72%
smaller than standard SO-8); low profile (1mm thick)
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM
3
2
1
4
5
6
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–12
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current – Continuous
(Note 1a)
–2.5
A
– Pulsed
–7
Power Dissipation for Single Operation
(Note 1a)
0.96
(Note 1b)
0.9
PD
(Note 1c)
0.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
130
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.318
FDC6318P
13’’
12mm
3000 units


Similar Part No. - FDC6318

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FDC6318P TECHPUBLIC-FDC6318P Datasheet
2Mb / 4P
   Dual P-Channel 20V (D-S) MOSFET
More results

Similar Description - FDC6318

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6312P FAIRCHILD-FDC6312P Datasheet
88Kb / 5P
   Dual P-Channel 1.8V PowerTrench Specified MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com