Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6322C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC6322C
Description  Dual N & P Channel , Digital FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6322C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC6322C Datasheet HTML 1Page - Fairchild Semiconductor FDC6322C Datasheet HTML 2Page - Fairchild Semiconductor FDC6322C Datasheet HTML 3Page - Fairchild Semiconductor FDC6322C Datasheet HTML 4Page - Fairchild Semiconductor FDC6322C Datasheet HTML 5Page - Fairchild Semiconductor FDC6322C Datasheet HTML 6Page - Fairchild Semiconductor FDC6322C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMOS Electrical Characteristics (T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Type Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
N-Ch
25
V
V
GS = 0 V, ID = -250 µA
P-Ch
-25
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D= 250 µA, Referenced to 25
oC
N-Ch
25
mV /
oC
I
D = -250 µA, Referenced to 25
oC
P-Ch
-22
I
DSS
Zero Gate Voltage Drain Current
V
DS= 20 V, VGS= 0 V,
N-Ch
1
µA
T
J = 55°C
10
I
DSS
Zero Gate Voltage Drain Current
V
DS =-20 V, VGS = 0 V,
P-Ch
-1
µA
T
J = 55°C
-10
I
GSS
Gate - Body Leakage Current
V
GS = 8 V, VDS= 0 V
N-Ch
100
nA
V
GS = -8 V, VDS= 0 V
P-Ch
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
o C
N-Ch
-2.1
mV /
oC
I
D= -250 µA, Referenced to 25
o C
P-Ch
2.1
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID= 250 µA
N-Ch
0.65
0.85
1.5
V
V
DS = VGS, ID= -250 µA
P-Ch
-0.65
-0.86
-1.5
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 2.7 V, ID = 0.2 A
N-Ch
3.8
5
T
J =125°C
6.3
9
V
GS = 4.5 V, ID = 0.4 A
3.1
4
V
GS = -2.7 V, ID = -0.25 A
P-Ch
1.22
1.5
T
J =125°C
1.65
2.4
V
GS = -4.5 V, ID = -0.5 A
0.87
1.1
I
D(ON)
On-State Drain Current
V
GS = 2.7 V, VDS = 5 V
N-Ch
0.2
A
V
GS = -2.7 V, VDS = -5 V
P-Ch
-0.5
g
FS
Forward Transconductance
V
DS = 5 V, ID= 0.4 A
N-Ch
0.2
S
V
DS = -5 V, ID= -0.5 A
P-Ch
0.8
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
N-Channel
N-Ch
9.5
pF
V
DS= 10 V, VGS= 0 V,
P-Ch
62
C
oss
Output Capacitance
f = 1.0 MHz
N-Ch
6
P-Channel
P-Ch
35
C
rss
Reverse Transfer Capacitance
V
DS= -10 V, VGS = 0V,
N-Ch
1.3
f = 1.0 MHz
P-Ch
9.5
FDC6322C.Rev B1


Similar Part No. - FDC6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6320 FAIRCHILD-FDC6320 Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
logo
VBsemi Electronics Co.,...
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
   N-Channel P-Channel Enhancement Mode MOSFET
More results

Similar Description - FDC6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com