Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34565 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC34565
Description  1.25mm Receptacle Housing - W2B
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC34565 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC34565 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34565 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Jagan 07/10/09
07/10/09
21/10/09
Ramya
Farnell
RELEASED
MC34 - Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Jagan
Ramya
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
1.25mm Receptacle Housing - W2B
1578138-1578152-DWG
M10002388
07/10/09
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
07/10/09
A
DATE:
21/10/09
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions : Millimetres
Specifications:
Current rating
: 1A ac, dc.
Voltage rating
: 125V ac, dc.
Maximum contact resistance
: 20m
Ω.
Minimum insulation resistance
: 100M
Ω.
Withstanding voltage
: 250V/minute.
Temperature range
: -40°C to +85°C.
Material:
Insulator
: High temperature material.
Contact material
: Phosphor bronze.
Contact
: Tin plated.


Similar Part No. - MC34565

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3456 ONSEMI-MC3456 Datasheet
200Kb / 10P
   DUAL TIMING CIRCUIT
REV 2
More results

Similar Description - MC34565

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
125CH-B-XX ADAM-TECH-125CH-B-XX Datasheet
73Kb / 1P
   1.25MM HOUSING
logo
FCI connector
10114826-X0X02LF FCI-CONNECTOR-10114826-X0X02LF Datasheet
72Kb / 1P
   WTB 1.25MM HOUSING
logo
Molex Electronics Ltd.
5055650201 MOLEX1-5055650201 Datasheet
37Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Single Row, with Positive
0511460500 MOLEX7-0511460500 Datasheet
139Kb / 2P
   1.25mm (.049") Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low
5055650301 MOLEX1-5055650301 Datasheet
37Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Single Row, with Positive
5054323001 MOLEX1-5054323001 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054323201 MOLEX1-5054323201 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054322201 MOLEX1-5054322201 Datasheet
39Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
51146-0600 MOLEX11-51146-0600 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 6
51146-0700 MOLEX11-51146-0700 Datasheet
36Kb / 1P
   1.25mm Pitch PanelMate??Wire-to-Board Receptacle Housing, Ultra Low Profile, 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com