Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6324L Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDC6324L
Description  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6324L Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDC6324L Datasheet HTML 2Page - Fairchild Semiconductor FDC6324L Datasheet HTML 3Page - Fairchild Semiconductor FDC6324L Datasheet HTML 4Page - Fairchild Semiconductor FDC6324L Datasheet HTML 5Page - Fairchild Semiconductor FDC6324L Datasheet HTML 6Page - Fairchild Semiconductor FDC6324L Datasheet HTML 7Page - Fairchild Semiconductor FDC6324L Datasheet HTML 8Page - Fairchild Semiconductor FDC6324L Datasheet HTML 9Page - Fairchild Semiconductor FDC6324L Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 1998 Fairchild Semiconductor Corporation
SSOT-6 Unit Orientation
Conductive Embossed
Carrier Tape
F63TNR
Label
Customize Label
Antistatic Cover Tape
SSOT-6 Packaging
Configuration: Figure 1.0
Components
Leader Tape
390mm minimum
Trailer Tape
160mm minimum
SSOT-6 Tape Leader
Trailer
Configuration: Figure 2.0
Cover Tape
Carrier
Pin 1
Tape
Note/Comments
Packaging Option
SSOT-6 Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7” Dia
TNR
13”
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
184x187x47
343x343x64
Max qty per Box
9,000
20,000
Weight per unit (gm)
0.0158
0.0158
Weight per Reel (kg)
0.1440
0.4700
184mm x 184mm x 47mm
Pizza Box for Standard Option
F63TNR
Label
F63TNR Label
F63TNR Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
631
631
631
631
LOT: CBVK741B019
FSID: FDC633N
D/C1: D9842
QTY1:
SPEC REV:
QARV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
(F63TNR)2
F63TNR
Label
SuperSOTTM-6 Tape and Reel Data and Package Dimensions
December 1998, Rev. B


Similar Part No. - FDC6324L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
More results

Similar Description - FDC6324L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com