Electronic Components Datasheet Search |
|
FDC6324 Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
FDC6324 Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 10 page P1 A0 D1 P0 F W E1 D0 E2 B0 Tc Wc K0 T Dimensions are in inches and millimeters Tape Size Reel Option Dim A Dim B Dim C Dim D Dim N Dim W1 Dim W2 Dim W3 (LSL-USL) 8mm 7” Dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 – 0.429 7.9 – 10.9 8mm 13” Dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 4.00 100 0.331 +0.059/-0.000 8.4 +1.5/0 0.567 14.4 0.311 – 0.429 7.9 – 10.9 See detail AA Dim A max 13” Diameter Option 7” Diameter Option Dim A Max See detail AA W3 W2 max Measured at Hub W1 Measured at Hub Dim N Dim D min Dim C B Min DETAIL AA Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum Sketch C (Top View) Component lateral movement Typical component cavity center line 20 deg maximum Typical component center line B0 A0 Sketch B (Top View) Component Rotation Sketch A (Side or Front Sectional View) Component Rotation User Direction of Feed SSOT-6 Embossed Carrier Tape Configuration: Figure 3.0 SSOT-6 Reel Configuration: Figure 4.0 Dimensions are in millimeter Pkg type A0 B0 W D0 D1 E1 E2 F P1 P0 K0 T Wc Tc SSOT-6 (8mm) 3.23 +/-0.10 3.18 +/-0.10 8.0 +/-0.3 1.55 +/-0.05 1.00 +/-0.125 1.75 +/-0.10 6.25 min 3.50 +/-0.05 4.0 +/-0.1 4.0 +/-0.1 1.37 +/-0.10 0.255 +/-0.150 5.2 +/-0.3 0.06 +/-0.02 SuperSOTTM-6 Tape and Reel Data and Package Dimensions, continued December 1998, Rev. B |
Similar Part No. - FDC6324 |
|
Similar Description - FDC6324 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |