Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT486-1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SOT486-1
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SOT486-1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SOT486-1 Datasheet HTML 5Page - NXP Semiconductors SOT486-1 Datasheet HTML 6Page - NXP Semiconductors SOT486-1 Datasheet HTML 7Page - NXP Semiconductors SOT486-1 Datasheet HTML 8Page - NXP Semiconductors SOT486-1 Datasheet HTML 9Page - NXP Semiconductors SOT486-1 Datasheet HTML 10Page - NXP Semiconductors SOT486-1 Datasheet HTML 11Page - NXP Semiconductors SOT486-1 Datasheet HTML 12Page - NXP Semiconductors SOT486-1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
9 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
Table 3.
Pin description
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description
Multiplexed digital pins
P0_0
L3
K3
G2
47
32
[2]
N;
PU
I/O
GPIO0[0] — General purpose digital input/output pin.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
I
ENET_RXD1 — Ethernet receive data 1 (RMII/MII
interface).
I/O
SGPIO0 — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
I2S0_TX_WS — Transmit Word Select. It is driven by the
master and received by the slave. Corresponds to the
signal WS in the I2S-bus specification.
I/O
I2S1_TX_WS — Transmit Word Select. It is driven by the
master and received by the slave. Corresponds to the
signal WS in the I2S-bus specification.
P0_1
M2
K2
G1
50
34
[2]
N;
PU
I/O
GPIO0[1] — General purpose digital input/output pin.
I/O
SSP1_MOSI — Master Out Slave in for SSP1.
I
ENET_COL — Ethernet Collision detect (MII interface).
I/O
SGPIO1 — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
ENET_TX_EN — Ethernet transmit enable (RMII/MII
interface).
I/O
I2S1_TX_SDA — I2S1 transmit data. It is driven by the
transmitter and read by the receiver. Corresponds to the
signal SD in the I2S-bus specification.
P1_0
P2
L1
H1
54
38
[2]
N;
PU
I/O
GPIO0[4] — General purpose digital input/output pin.
I
CTIN_3 — SCT input 3. Capture input 1 of timer 1.
I/O
EMC_A5 — External memory address line 5.
-
R — Function reserved.
-
R — Function reserved.
I/O
SSP0_SSEL — Slave Select for SSP0.
I/O
SGPIO7 — General purpose digital input/output pin.
-
R — Function reserved.


Similar Part No. - SOT486-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT486-1 NXP-SOT486-1 Datasheet
242Kb / 1P
   plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
2008
SOT486-1 PHILIPS-SOT486-1 Datasheet
15Kb / 2P
   PC BOARD FOORTPRINT
2001 Feb 16
SOT486-1 NXP-SOT486-1 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results

Similar Description - SOT486-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4370 NXP-LPC4370 Datasheet
2Mb / 150P
   32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
Rev. 2-21 October 2013
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
   32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
   32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com