Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6327C Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDC6327C
Description  Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6327C Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDC6327C Datasheet HTML 4Page - Fairchild Semiconductor FDC6327C Datasheet HTML 5Page - Fairchild Semiconductor FDC6327C Datasheet HTML 6Page - Fairchild Semiconductor FDC6327C Datasheet HTML 7Page - Fairchild Semiconductor FDC6327C Datasheet HTML 8Page - Fairchild Semiconductor FDC6327C Datasheet HTML 9Page - Fairchild Semiconductor FDC6327C Datasheet HTML 10Page - Fairchild Semiconductor FDC6327C Datasheet HTML 11Page - Fairchild Semiconductor FDC6327C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1998 Fairchild Semiconductor Corporation
SuperSOT -6 (FS PKG Code 31, 33)
SuperSOTTM-6 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.0158


Similar Part No. - FDC6327C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - FDC6327C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com