Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY550-1000 Datasheet(PDF) 1 Page - First Components International

Part # BY550-1000
Description  5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BY550-1000 Datasheet(HTML) 1 Page - First Components International

  BY550-1000 Datasheet HTML 1Page - First Components International BY550-1000 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight:0.041 ounces,1.15 grams
I
Dimensions in millimeters
High current capability
The plastic material carriers U/L recognition 94V-0
Mounting position: Any
DO-201AD
Mechanical Dimensions
Description
Data Sheet
PLASTIC SILICON RECTIFIERS
5.0 Amps Miniature
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BY
550-200
BY
550-400
BY
550-600
BY
550-800
BY
550-1000
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 5.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance j-A / j-L (Note2)
RθJA/JL
Operating junction temperature range
TJ
Storage temperature range
TSTG
15.0 / 5.0
/W
- 55 ---- + 150
- 55 ---- + 150
5.0
300.0
1.1
100
70
100.0
80
A
IF(AV)
35
50
A
IFSM
BY
550-50
BY
550-100
50
100
2. Thermal resistance f rom junction to ambient and junction to Lead.
A
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
IR
10.0


Similar Part No. - BY550-1000

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BY550-1000 JGD-BY550-1000 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
BY550-1000 LUGUANG-BY550-1000 Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
logo
EIC discrete Semiconduc...
BY550-1000 EIC-BY550-1000 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BY550-1000 TAYCHIPST-BY550-1000 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Diotec Semiconductor
BY550-1000 DIOTEC-BY550-1000 Datasheet
179Kb / 2P
   Silicon Rectifiers
More results

Similar Description - BY550-1000

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RL251 FCI-RL251_1 Datasheet
136Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS DIFFUSED JUNCTION
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
GP20A TSC-GP20A Datasheet
67Kb / 2P
   2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A TSC-GP30A Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
GP15A TSC-GP15A Datasheet
65Kb / 2P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
New Jersey Semi-Conduct...
GP15A NJSEMI-GP15A Datasheet
97Kb / 1P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A NJSEMI-GP30A Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
logo
Vishay Siliconix
AGP15 VISHAY-AGP15 Datasheet
30Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
08-Jul-02
logo
Shenzhen Taychipst Elec...
AGP15-400 TAYCHIPST-AGP15-400 Datasheet
936Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com